Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV571IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV571IPW Datasheet HTML 3Page - Texas Instruments TLV571IPW Datasheet HTML 4Page - Texas Instruments TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments TLV571IPW Datasheet HTML 10Page - Texas Instruments TLV571IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
start of conversion mechanism
There are two ways to convert data: hardware and software. In the hardware conversion mode the ADC begins
sampling at the falling edge of CSTART and begins conversion at the rising edge of CSTART. Software start
mode ADC samples for 6 clocks, then conversion occurs for ten clocks. The total sampling and conversion
process lasts only 16 clocks in this case. If RD is not detected during the next clock cycle, the ADC automatically
proceeds to a power-down state. Data is valid on the rising edge of INT in both conversion modes.
hardware CSTART conversion
external clock
With CS low and WR low, data is written into the ADC. The sampling begins at the falling edge of CSTART and
conversion begins at the rising edge of CSTART. At the end of conversion, EOC goes from low to high, telling
the host that conversion is ready to be read out. The external clock is active and is used as the reference at all
times. With this mode, it is required that CSTART is not applied at the rising edge of the clock (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com