Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT574 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74ACT574
Description  Octal D Flip?묯lop with 3?뭆tate Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT574 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74ACT574 Datasheet HTML 2Page - ON Semiconductor 74ACT574 Datasheet HTML 3Page - ON Semiconductor 74ACT574 Datasheet HTML 4Page - ON Semiconductor 74ACT574 Datasheet HTML 5Page - ON Semiconductor 74ACT574 Datasheet HTML 6Page - ON Semiconductor 74ACT574 Datasheet HTML 7Page - ON Semiconductor 74ACT574 Datasheet HTML 8Page - ON Semiconductor 74ACT574 Datasheet HTML 9Page - ON Semiconductor 74ACT574 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC574, MC74ACT574
http://onsemi.com
6
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to CP
5.0
−
2.5
2.5
ns
3−9
th
Hold Time, HIGH or LOW
Dn to CP
5.0
−
1.0
1.0
ns
3−9
tw
CP Pulse Width
HIGH or LOW
5.0
−
3.0
4.0
ns
3−6
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
SOEIAJ−20
20
1
1
20
AC
574
ALYW
G
G
74ACT574
AWLYWWG
1
20
MC74AC574N
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
20
1
74AC574
AWLYWWG
1
20
ACT
574
ALYW
G
G
20
1
ACT574
AWLYYWWG
1
20
MC74ACT574N
AWLYYWWG
20
1
AC574
AWLYYWWG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com