Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT373 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT373
Description  Octal Transparent Latch with 3?뭆tate Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT373 Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT373 Datasheet HTML 1Page - ON Semiconductor 74ACT373 Datasheet HTML 2Page - ON Semiconductor 74ACT373 Datasheet HTML 3Page - ON Semiconductor 74ACT373 Datasheet HTML 4Page - ON Semiconductor 74ACT373 Datasheet HTML 5Page - ON Semiconductor 74ACT373 Datasheet HTML 6Page - ON Semiconductor 74ACT373 Datasheet HTML 7Page - ON Semiconductor 74ACT373 Datasheet HTML 8Page - ON Semiconductor 74ACT373 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC74AC373, MC74ACT373
http://onsemi.com
2
TRUTH TABLE
Inputs
Outputs
OE
LE
Dn
On
H
X
X
Z
L
H
L
L
L
H
H
H
L
L
X
O0
H = HIGH Voltage Level
L = LOW Voltage Level
Z = High Impedance
X = Immaterial
O0 = Previous O0 before LOW-to-HIGH Transition of Clock
FUNCTIONAL DESCRIPTION
The MC74AC373/74ACT373 contains eight D−type
latches with 3−state standard outputs. When the Latch
Enable (LE) input is HIGH, data on the Dn inputs enters the
latches. In this condition the latches are transparent, i.e., a
latch output will change state each time its D input changes.
When LE is LOW, the latches store the information that was
present on the D inputs a setup time preceding the
HIGH−to−LOW transition of LE. The 3-state standard
outputs are controlled by the Output Enable (OE) input.
When OE is LOW, the standard outputs are in the 2−state
mode. When OE is HIGH, the standard outputs are in the
high impedance mode but this does not interfere with
entering new data into the latches.
Figure 3. Logic Diagram
D
G
O
D
G
O
D
G
O
D
G
O
D
G
O
D
G
O
D
G
O
D
G
O
D1
D2
D3
D4
D5
D6
D7
LE
OE
D0
NOTE:
This diagram is provided only for the understanding of logic operations and
should not be used to estimate propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com