Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1816L-Q-TM3-E-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1816L-Q-TM3-E-R
Description  HIGH CURRENT SWITCHIG APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1816L-Q-TM3-E-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1816L-Q-TM3-E-R Datasheet HTML 1Page - Unisonic Technologies 2SD1816L-Q-TM3-E-R Datasheet HTML 2Page - Unisonic Technologies 2SD1816L-Q-TM3-E-R Datasheet HTML 3Page - Unisonic Technologies 2SD1816L-Q-TM3-E-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1816
NPN EPITAXIAL PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R209-011,B
TYPICAL CHARACTERISTICS
0
01
5
4
3
2
1
2
3
4
5
Ic-VCE
Collector to Emitter Voltage,VCE(V)
50m
A
40m
A
30m
A
20m
A
10mA
5mA
2mA
IB=0
70mA
60mA
80mA 90mA
100mA
0
0
10
50
40
30
20
0.4
0.8
1.2
1.6
2.0
Ic -VCE
Collector to Emitter Voltage,VCE(V)
7mA
6mA
5mA
4mA
3mA
2mA
1mA
IB=0
8mA
0
00.2
0.8
0.6
0.4
1
2
Base to Emitter Voltage ,VBE (V)
Ic -VBE
5
4
3
1.0
1.2
Ta=75℃
55
3
2
Collector Current,IC(A)
0.01
2
3
5
7
1000
VCE=5V
2
3
5
7
100
5
7
10
5
3
2
0.1
5
3
2
1.0
10
VCE=5V
hFE -Ic
-25℃
25℃
Ta=75℃
25℃
-25℃
7
5
3
2
100
0.1
7
5
3
2
1.0
3
2
7
2
3
5
fT -I c
Colletcor Current, Ic(A)
2
3
5
10
2
1.0
77
2
10
Cob- VCB
Colletcor to Base Voltage, VCB (V)
5
VCE=10V
7
5
3
5
3
5
7
2
3
2
3
5
7
5
100
100 2
f=1MHZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com