Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5401-B-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N5401-B-T92-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5401-B-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2N5401-B-T92-R Datasheet HTML 1Page - Unisonic Technologies 2N5401-B-T92-R Datasheet HTML 2Page - Unisonic Technologies 2N5401-B-T92-R Datasheet HTML 3Page - Unisonic Technologies 2N5401-B-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N5401
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-001,D
TYPICAL CHARACTERISTICS
DC Current Gain vs.
Collector Current
Collector Current , Ic (mA)
Capacitance vs. Collector-
Base Voltage
Collector-Base Voltage (V)
0
4
8
12
16
20
-10
0
-10
1
-10
2
f=1MHz
IE=0
V CE=-5V
10
3
10
2
10
1
10
0
-10
0
-10
3
-10
-1
-10
1
-10
2
Collector Current vs. Base-Emitter
Voltage
Base-Emitter V oltage (V)
0
-0.2 -0.4 -0 .6 -0 .8 -1.0
Saturation Voltage vs.
Collector Current
Collector Current , Ic (mA)
VCE =-5 V
-10
3
-10
2
-10
1
-10
0
-10
-2
-10
-1
-10
0
-10
1
-10
0
-10
3
-10
-1
-10
1
-10
2
IC=10*IB
VBE(SAT)
VCE (SAT)
Current Gain-B andwidth Product
vs. Collector Current
Collector Current, Ic(mA)
10
3
10
2
10
1
10
0
-10
0
-10
3
-10
-1
-10
1
-10
2
V CE=- 10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com