Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF080B Datasheet(PDF) 7 Page - Microchip Technology

Part # SST25VF080B
Description  8-Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF080B Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST25VF080B Datasheet HTML 3Page - Microchip Technology SST25VF080B Datasheet HTML 4Page - Microchip Technology SST25VF080B Datasheet HTML 5Page - Microchip Technology SST25VF080B Datasheet HTML 6Page - Microchip Technology SST25VF080B Datasheet HTML 7Page - Microchip Technology SST25VF080B Datasheet HTML 8Page - Microchip Technology SST25VF080B Datasheet HTML 9Page - Microchip Technology SST25VF080B Datasheet HTML 10Page - Microchip Technology SST25VF080B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
2005-2020 Microchip Technology Inc.
DS20005045D-page 7
SST25VF080B
4.4
Instructions
Instructions are used to read, write (Erase and Pro-
gram), and configure the SST25VF080B. The instruc-
tion bus cycles are 8 bits each for commands (Op
Code), data, and addresses. Prior to executing any
Byte Program, Auto Address Increment (AAI) program-
ming, Sector Erase, Block Erase, Write STATUS Reg-
ister, or Chip Erase instructions, the Write Enable
(WREN) instruction must be executed first. The com-
plete list of instructions is provided in Table 4-4. All
instructions are synchronized off a high to low transition
of CE#. Inputs will be accepted on the rising edge of
SCK starting with the most significant bit. CE# must be
driven low before an instruction is entered and must be
driven high after the last bit of the instruction has been
shifted in (except for Read, Read-ID, and Read STA-
TUS Register instructions). Any low to high transition
on CE#, before receiving the last bit of an instruction
bus cycle, will terminate the instruction in progress and
return the device to standby mode. Instruction com-
mands (Op Code), addresses, and data are all input
from the most significant bit (MSb) first.
TABLE 4-4:
DEVICE OPERATION INSTRUCTION
Instruction
Description
Op Code Cycle(1)
Address
Cycle(s)(2)
Dummy
Cycle(s)
Data
Cycle(s)
Read
Read Memory
0000 0011b (03H)
3
0
1 to ∞
High-Speed Read
Read Memory at higher speed
0000 1011b (0BH)
3
1
1 to ∞
4-Kbyte Sector Erase(3) Erase 4 Kbyte of memory array 0010 0000b (20H)
3
0
0
32-Kbyte Block Erase(4) Erase 32 Kbyte block of
memory array
0101 0010b (52H)
3
0
0
64-Kbyte Block Erase(5) Erase 64 Kbyte block of
memory array
1101 1000b (D8H)
3
0
0
Chip-Erase
Erase Full Memory Array
0110 0000b (60H) or
1100 0111b (C7H)
0
0
0
Byte Program
To Program One Data Byte
0000 0010b (02H)
3
0
1
AAI Word Program(6)
Auto Address Increment
Programming
1010 1101b (ADH)
3
0
2 to ∞
RDSR(7)
Read STATUS Register
0000 0101b (05H)
0
0
1 to ∞
EWSR
Enable Write STATUS Register 0101b 0000b (50H)
0
0
0
WRSR
Write STATUS Register
0000 0001b (01H)
0
0
1
WREN
Write Enable
0000 0110b (06H)
0
0
0
WRDI
Write Disable
0000 0100b (04H)
0
0
0
RDID(8)
Read-ID
1001 0000b (90H) or
1010 1011b (ABH)
3
0
1 to ∞
JEDEC-ID
JEDEC ID read
1001 1111b (9FH)
0
0
3 to ∞
EBSY
Enable SO to output RY/BY#
status during AAI programming
0111 0000b (70H)
0
0
0
DBSY
Disable SO as RY/BY# status
during AAI programming
1000 0000b (80H)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com