Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6401 Datasheet(PDF) 13 Page - Microchip Technology

Part # SST38VF6401
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 9Page - Microchip Technology SST38VF6401 Datasheet HTML 10Page - Microchip Technology SST38VF6401 Datasheet HTML 11Page - Microchip Technology SST38VF6401 Datasheet HTML 12Page - Microchip Technology SST38VF6401 Datasheet HTML 13Page - Microchip Technology SST38VF6401 Datasheet HTML 14Page - Microchip Technology SST38VF6401 Datasheet HTML 15Page - Microchip Technology SST38VF6401 Datasheet HTML 16Page - Microchip Technology SST38VF6401 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
13
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
If a Program or Erase operation is attempted on a protected sector or block, the operation will abort.
After the device initiates an abort, the corresponding Write Operation Status Detection Bits will stay
active for approximately 200ns (program or erase) before the device returns to read mode.
For the status of these bits during a Write operation, see Table 4.
Data# Polling (DQ7)
When the SST38VF6401/6402/6403/6404 are in an internal Program operation, any attempt to read
DQ7 will produce the complement of true data. For a Program Buffer-to-Flash operation, DQ7 is the
complement of the last word loaded in the Write-Buffer using the Write-to-Buffer command. Once the
Program operation is completed, DQ7 will produce valid data. Note that even though DQ7 may have valid
data immediately following the completion of an internal Write operation, the remaining data outputs may still be
invalid. Valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1
µs.
During an internal Erase operation, any attempt to read DQ7 will produce a ‘0’. Once the internal Erase
operation is completed, DQ7 will produce a ‘1’. The Data# Polling is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is
valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 11 for Data# Polling timing diagram
and Figure 26 for a flowchart.
Toggle Bits (DQ6 and DQ2)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating ‘1’s and ‘0’s, i.e., toggling between ‘1’ and ‘0’. When the internal Program or Erase opera-
tion is completed, the DQ6 bit will stop toggling, and the device is then ready for the next operation. For
Sector-, Block-, or Chip-Erase, the toggle bit (DQ6) is valid after the rising edge of sixth WE# (or CE#)
pulse. DQ6 will be set to ‘1’ if a Read operation is attempted on an Erase-Suspended Sector or Block.
If Program operation is initiated in a sector/block not selected in Erase-Suspend mode, DQ6 will toggle.
An additional Toggle Bit is available on DQ2, which can be used in conjunction with DQ6 to check
whether a particular sector or block is being actively erased or erase-suspended. Table 4 shows
detailed bit status information. The Toggle Bit (DQ2) is valid after the rising edge of the last WE# (or
CE#) pulse of Write operation. See Figure 12 for Toggle Bit timing diagram and Figure 26 for a flow-
chart.
DQ1
If an operation aborts during a Write-to-Buffer or Program Buffer-to-Flash operation, DQ1 is set to ‘1’.
To reset DQ1 to ‘0’, issue the Write-to-Buffer Abort Reset command to exit the abort state. A power-off/
power-on cycle or a Hardware Reset (RST# = 0) will also clear DQ1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com