Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270ALBVRCTR Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1270ALBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ALBVRCTR Datasheet(HTML) 5 Page - Microchip Technology

  TC1270ALBVRCTR Datasheet HTML 1Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 2Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 3Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 4Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 5Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 6Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 7Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 8Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 5
TC1270A/70AN/71A
TIMING DIAGRAMS AND SPECIFICATIONS
MR Pin and Reset Pin Waveform
Device Voltage and Reset Pin (Active Low) Waveform
Reset and Device Reset Timer Requirements
Electrical Characteristics: Unless otherwise noted, VDD = 5V for L/M versions, VDD = 3.3V for T/S versions,
VDD = 3V for R version, TA = –40°C to +125°C. Typical values are at TA = +25°C.
Parameter
Sym
Min
Typ(1)
Max
Units
Test Conditions
V
DD to Reset Delay
tRD
—50
—
µs
VDD = VTRIP(MAX) to
VTRIP(MIN) –125 mV
Reset Active
Time Out
Period
TC127XAxBVyy(3)
tRST
1.09
2.19
4.38
ms
VDD = VTRIP(MAX)
TC127XAxAVyy(3)
17.5
35
70
ms
VDD = VTRIP(MAX)
TC127XAxVyy(3)
140
280
560
ms
VDD = VTRIP(MAX)
MR Minimum Pulse Width
tMR
10
—
—
µs
MR Noise Immunity
tMRNI
—0.1
—
µs
MR to Reset Propagation Delay
tMD
—0.2
—
µs
Note 1: Unless otherwise stated, data in the Typical (“Typ”) column is at 5V, +25
C.
2: RST output for TC1270A, RST output for TC1271A.
3: TC127XA refers to the TC1270A, TC1270AN or TC1271A device.
“x” indicates the selected voltage trip point, while “yy” indicates the package code.
MR
RST
tRST
tMR
RST
tMD
tMRNI
VTRIP(MAX)
VTRIP(MIN)
1V
VDD
VTRIP
tRST
RST(1)
RST
tRST
tRD
VDD < 1V is outside the device operating specification. The RST (or RST) output state is unknown while VDD < 1V.
Note 1: The TC1270AN requires an external pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com