Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC112 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC112
Description  CDx4HC112, CDx4HCT112 Dual J-K Flip-Flop with Set and Reset with Negative-Edge Trigger
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC112 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC112 Datasheet HTML 9Page - Texas Instruments CD54HC112 Datasheet HTML 10Page - Texas Instruments CD54HC112 Datasheet HTML 11Page - Texas Instruments CD54HC112 Datasheet HTML 12Page - Texas Instruments CD54HC112 Datasheet HTML 13Page - Texas Instruments CD54HC112 Datasheet HTML 14Page - Texas Instruments CD54HC112 Datasheet HTML 15Page - Texas Instruments CD54HC112 Datasheet HTML 16Page - Texas Instruments CD54HC112 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Sep-2023
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-8970201EA
ACTIVE
CDIP
J
16
1
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-8970201EA
CD54HCT112F3A
Samples
CD54HC112F3A
ACTIVE
CDIP
J
16
1
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
8408801EA
CD54HC112F3A
Samples
CD54HCT112F3A
ACTIVE
CDIP
J
16
1
Non-RoHS
& Green
SNPB
N / A for Pkg Type
-55 to 125
5962-8970201EA
CD54HCT112F3A
Samples
CD74HC112E
ACTIVE
PDIP
N
16
25
RoHS & Green
NIPDAU
N / A for Pkg Type
-55 to 125
CD74HC112E
Samples
CD74HC112M96
ACTIVE
SOIC
D
16
2500
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC112M
Samples
CD74HC112MT
LIFEBUY
SOIC
D
16
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC112M
CD74HC112NS
LIFEBUY
SO
NS
16
50
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
HC112M
CD74HC112NSR
ACTIVE
SO
NS
16
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC112M
Samples
CD74HC112PWR
ACTIVE
TSSOP
PW
16
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HJ112
Samples
CD74HC112PWRE4
ACTIVE
TSSOP
PW
16
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HJ112
Samples
CD74HCT112E
ACTIVE
PDIP
N
16
25
RoHS & Green
NIPDAU
N / A for Pkg Type
-55 to 125
CD74HCT112E
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com