Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358BAIDDFR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM358BAIDDFR
Description  Industry-Standard Dual Operational Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358BAIDDFR Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM358BAIDDFR Datasheet HTML 13Page - Texas Instruments LM358BAIDDFR Datasheet HTML 14Page - Texas Instruments LM358BAIDDFR Datasheet HTML 15Page - Texas Instruments LM358BAIDDFR Datasheet HTML 16Page - Texas Instruments LM358BAIDDFR Datasheet HTML 17Page - Texas Instruments LM358BAIDDFR Datasheet HTML 18Page - Texas Instruments LM358BAIDDFR Datasheet HTML 19Page - Texas Instruments LM358BAIDDFR Datasheet HTML 20Page - Texas Instruments LM358BAIDDFR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
6.11 Typical Characteristics: LM358B and LM2904B (continued)
This typical characteristics section is applicable for LM358B and LM2904B. Typical characteristics data in this section was
taken with TA = 25°C, VS = 36 V (±18 V), VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2 (unless otherwise noted).
Common-Mode Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-15
-12.5
-10
-7.5
-5
DC3I
IB+
IB–
Figure 6-7. Input Bias Current vs Common-Mode Voltage
Common-Mode Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
-40
-20
0
20
40
60
80
100
120
DC3I
Figure 6-8. Input Offset Current vs Common-Mode Voltage
Temperature (°C)
-40
-10
20
50
80
110
130
-12
-11
-10
-9
-8
-7
-6
DCIB
IB+
IB–
Figure 6-9. Input Bias Current vs Temperature
Temperature (°C)
-40
-10
20
50
80
110
130
-0.03
-0.015
0
0.015
0.03
0.045
0.06
DCIO
Figure 6-10. Input Offset Current vs Temperature
Output Current (mA)
0
10
20
30
40
50
V+
(V+) – 3 V
(V+) – 6 V
(V+) – 9 V
(V+) – 12 V
DC13
–40 C
25 C
125 C
Figure 6-11. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
5
10
15
20
25
30
35
40
V–
(V–) + 3 V
(V–) + 6 V
(V–) + 9 V
(V–) + 12 V
(V–) + 15 V
(V–) + 18 V
DC1-
–40 C
25 C
125 C
Figure 6-12. Output Voltage Swing vs Output Current (Sinking)
www.ti.com
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AA – JUNE 1976 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM158 LM158A LM258 LM258A LM2904 LM2904B LM2904BA LM2904V LM358
LM358A LM358B LM358BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com