Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS240DBR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS240DBR
Description  SNx4LS24x, SNx4S24x Octal Buffers and Line Drivers With 3-State Outputs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS240DBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LS240DBR Datasheet HTML 9Page - Texas Instruments SN74LS240DBR Datasheet HTML 10Page - Texas Instruments SN74LS240DBR Datasheet HTML 11Page - Texas Instruments SN74LS240DBR Datasheet HTML 12Page - Texas Instruments SN74LS240DBR Datasheet HTML 13Page - Texas Instruments SN74LS240DBR Datasheet HTML 14Page - Texas Instruments SN74LS240DBR Datasheet HTML 15Page - Texas Instruments SN74LS240DBR Datasheet HTML 16Page - Texas Instruments SN74LS240DBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Req
VCC
Input
Copyright © 2016, Texas Instruments Incorporated
R
VCC
Output
GND
Copyright © 2016, Texas Instruments Incorporated
9 kΩ NOM
Input
VCC
Copyright © 2016, Texas Instruments Incorporated
13
SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244
SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244
www.ti.com
SDLS144D – APRIL 1985 – REVISED OCTOBER 2016
Product Folder Links: SN54LS240 SN54LS241 SN54LS244 SN54S240 SN54S241 SN54S244 SN74LS240
SN74LS241 SN74LS244 SN74S240 SN74S241 SN74S244
Submit Documentation Feedback
Copyright © 1985–2016, Texas Instruments Incorporated
Table 2. SNx4LS241 and SNx4S241
Function Table
CHANNEL 1
CHANNEL 2
INPUTS
OUTPUT
INPUTS
OUTPUT
1G
1A
1Y
2G
2A
2Y
L
L
L
H
L
L
L
H
H
H
H
H
H
X
Z
L
X
Z
Table 3. SNx4LS244 and SNx4S244
Function Table
INPUTS
OUTPUTS
G
A
Y
L
L
L
L
H
H
H
X
Z
Figure 19. SNx4LS240, SNx4LS241, SNx4LS244
Equivalent of Each Input
G and G inputs: Req = 2 kΩ NOM
A inputs: Req = 2.8 kΩ NOM
Figure 20. SNx4S240, SNx4S241, SNx4S244
Equivalent of Each Input
SNx4LS240, SNx4LS241, SNx4LS244:
R = 50 Ω NOM
SNx4S240, SNx4S241, SNx4S244:
R = 25 Ω NOM
Figure 21. Typical of All Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com