Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2482 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2482
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2482 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2482 Datasheet HTML 1Page - Unisonic Technologies 2SC2482 Datasheet HTML 2Page - Unisonic Technologies 2SC2482 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SC2482
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R211-015,A
NPN EPITAXIAL PLANAR
TRANSISTOR
APPLICATIONS
*HIGH VOLTAGE SWITCHING AND AMPLIFIER APPLICATIONS
*COLOR TV HORIZ. DRIVER APPLICATIONS
*COLOR TV CHROMA OUTPUT APPLICATIONS
FEATURES
*High Voltage :V(BR)CEO= 300V
*Small Collector Output Capacitance: Cob=3.0pF(Typ.)
TO-92NL
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
LIMITS
UNIT
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
Ic
100
mA
Base Current
IB
50
mA
Collector Power Dissipation
Pc
900
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB=240V IE= 0
1.0
μ
A
Emitter Cut-Off Current
IEBO
VEB= 7V Ic=0
1.0
μ
A
hFE(1)
VCE=10V,Ic=4mA
20
DC Current Gain
hFE(2)
VCE=10V,Ic=20mA
30
150
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=10mA,IB=1mA
1.0
V
Base- Emitter Saturation Voltage
VBE(sat)
Ic=10mA,IB=1mA
1.0
V
Transition Frequency
fT
VCE=10V, Ic=20mA
50
MHz
Collector Output Capacitance
Cob
VCB=20V, IE= 0, f=1MHz
3.0
pF


Similar Part No. - 2SC2482

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
188Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING AND, COLOR TV HORIZ. DRIVER, CHROMA OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SC2482 ETC1-2SC2482 Datasheet
48Kb / 1P
TO-92 Plastic Package Transistors (NPN)
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
133Kb / 5P
Silicon NPN Epitaxial Type (PCT Process)
logo
Micro Commercial Compon...
2SC2482 MCC-2SC2482 Datasheet
159Kb / 4P
NPN Epitaxial Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC2482 WINNERJOIN-2SC2482 Datasheet
124Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2482

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com