Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555IP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555IP
Description  TLC555 LinCMOS™ Timer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC555IP Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC555IP Datasheet HTML 22Page - Texas Instruments TLC555IP Datasheet HTML 23Page - Texas Instruments TLC555IP Datasheet HTML 24Page - Texas Instruments TLC555IP Datasheet HTML 25Page - Texas Instruments TLC555IP Datasheet HTML 26Page - Texas Instruments TLC555IP Datasheet HTML 27Page - Texas Instruments TLC555IP Datasheet HTML 28Page - Texas Instruments TLC555IP Datasheet HTML 29Page - Texas Instruments TLC555IP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
26
TLC555
SLFS043I – SEPTEMBER 1983 – REVISED JULY 2019
www.ti.com
Product Folder Links: TLC555
Submit Documentation Feedback
Copyright © 1983–2019, Texas Instruments Incorporated
Typical Applications (continued)
(1)
Sample results. Results may vary with populated components, board layout, and samples used.
The table below gives the ESD protection levels recorded for different supply voltages and external components
populated. Using only passive components to protect the TLC555 with a single 15-V supply is not recommended
because the higher voltage allows for an unacceptable amount of current to flow through the device.
Table 2. ESD test result table
Supply Voltage
Just passive components populated. D1..D7 not populated(1)
All components populated (1)
5 V
8 kV
12 kV
15 V
Not recommended
12 kV
9 Power Supply Recommendations
The TLC555 requires a voltage supply greater than or equal to 2 V, 3 V, or 5 V based the coldest ambient
temperature supported and a supply voltage less than or equal to 15 V. Adequate power supply bypassing is
necessary to protect associated circuitry and provide stable output pulses. Minimum recommended is 0.1-μF
ceramic in parallel with 1-μF electrolytic. Place the bypass capacitors as close as possible to the TLC555 and
minimize the trace length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com