Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2655 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC2655
Description  POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2655 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC2655 Datasheet HTML 1Page - Unisonic Technologies 2SC2655 Datasheet HTML 2Page - Unisonic Technologies 2SC2655 Datasheet HTML 3Page - Unisonic Technologies 2SC2655 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2655
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R211-013,C
TYPICAL CHARACTERISTICS
Ic-VCE
Collector -Emitter Voltage, VcE(V)
02
4
6
10
0
0.4
0.8
1.2
1.6
12
2.0
8
Common Emitter
Ta=25°C
hFE -Ic
Collector Current, Ic (A)
0.01
0.03
0.1
10
30
50
0.3
100
300
1
500
IB=2mA
10
12
15
4
VCE-Ic
Collector Current, Ic (A)
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
1
1.6
Common
Emitter
Ta=25°C
IB=5mA
10
20
30
40
2.4
Collector Current, Ic (A)
VCE-Ic
Collector Current, Ic (A)
Ta=-55°C
VCE(SAT) -Ic
Collector Current, Ic (A)
0.01
0.03
0.1
0.02
0.05
0.3
0.1
0.3
1
0.5
Ta=100°C
Ta=25°C
Ta=-55°C
0.05
0.5
14
2.4
8
6
18
20
25
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
1
1.6
IB=5mA
10
20
30
40
2.4
VCE-Ic
Common Emitter
Ta=100°C
0
0.4
0.8
1.2
2.0
0
0.2
0.4
0.6
0.8
1
1.6
IB=5mA
10
20
30
40
2.4
Common EmitterTa= -55°C
50
1000
Common Emitter
VCE=2V
Ta=100°C
Ta=25°C
1
Common Emitter
Ic/IB=20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com