Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4548 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC4548
Description  HIGH VOLTAGE DRIVER APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4548 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC4548 Datasheet HTML 1Page - Unisonic Technologies 2SC4548 Datasheet HTML 2Page - Unisonic Technologies 2SC4548 Datasheet HTML 3Page - Unisonic Technologies 2SC4548 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SC4548 NPN EPITAXIAL PLANAR SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-027,A
HIGH VOLTAGE DRIVER
APPLICATION
FEATURES
*High breakdown voltage.
*Excellent hFE linearity.
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C )
PARAMETER
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
Ic
200
mA
Collector Current (PULSE)
Icp
400
mA
Collector Power Dissipation
Pc
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collect-Base Breakdown Voltage
BVCBO
IC= 10
µA,IE=0
400
V
Collect-Emitter Breakdown Voltage
BVCEO
IC= 1mA,IB=0,RBE=
∞
400
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 10
µA,IC=0
5
V
Collector Cutoff Current
ICBO
VCB= 300V,IE=0
0.1
µA
Emitter Cutoff Current
IEBO
VEB=4V,IC=0
0.1
µA
DC Current Transfer Ratio
hFE
VCE=10V, Ic=50mA
60
200
Collect-Emitter Saturation Voltage
VCE(sat)
IC=50mA,IB=5mA
0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=50mA,IB=5mA
1.0
V
Output Capacitance
Cob
VCB=30V, f=1MHz
4
pF
Reverse Transfer Capacitance
Cre
VCB=30V,f=1MHz
3
pF
Gain-Bandwidth Product
fT
VCE=30V,IC=10mA
70
MHz
Turn-on Time
ton
See test circuit
0.25
µs
Turn-off Time
toff
See test circuit
5.0
µs


Similar Part No. - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
High-Voltage Driver Applications
logo
Guangdong Kexin Industr...
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
High-Voltage Driver Applications
logo
Weitron Technology
2SC4548 WEITRON-2SC4548 Datasheet
399Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4548 HTSEMI-2SC4548 Datasheet
340Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1700 UTC-2SA1700 Datasheet
189Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740 Datasheet
188Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_2 Datasheet
193Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_09 Datasheet
160Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
2SA1700 UTC-2SA1700_12 Datasheet
162Kb / 3P
HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_12 Datasheet
193Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_12 Datasheet
210Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
2SA1740 UTC-2SA1740_15 Datasheet
185Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
2SC4548 UTC-2SC4548_15 Datasheet
236Kb / 5P
HIGH VOLTAGE DRIVER APPLICATION
logo
SHIKUES Electronics
2SA1740 SKTECHNOLGY-2SA1740 Datasheet
2Mb / 3P
High voltage driver application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com