Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDURL1060CT Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SDURL1060CT
Description  SDURL1060CT ULTRAFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SDURL1060CT Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SDURL1060CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SDURL1060CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SDURL1060CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SDURL1060CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1874, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SDURL1060CT
SDURL1060CT ULTRAFAST RECTIFIER
* Pulse width < 300 µs, duty cycle < 2%
Applications
Circuit Diagram
Features
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
600
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=100°C,
rectangular wave form
5(Per Leg)
A
10(Per Device)
Peak One Cycle Non-Repetitive Surge
Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
60
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop(Per Leg)*
VF1
@5A, Pulse, TJ = 25C
1.14
1.55
V
VF2
@5A, Pulse, TJ = 125C
0.95
1.45
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR , TJ = 25C
0.007
5
μA
IR2
@VR = rated VR , TJ = 125C
3
500
μA
Reverse Recovery Time(Per Leg)
trr
IF=500mA, IR=1A,and Irm=250mA
42
50
ns
Antiparallel diode for high frequency
switching devices
Anti saturation diode
Snubber diode
Free wheeling diode in converters and
motor control circuits
Rectifiers in switch mode power supplies (SMPS)
Inductive heating and melting
Uninterruptible power supplies (UPS)
Ultrasonic cleaners and welders
Ultra-Fast switching
High current capability
Low reverse leakage current
High surge current capability
This is a Pb − free device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
TO-220SF


Similar Part No. - SDURL1060CT

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SDURL2060CT SMCDIODE-SDURL2060CT Datasheet
481Kb / 4P
SDURL2060CT ULTRAFAST RECTIFIER
Rev. A
More results

Similar Description - SDURL1060CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com