Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDURL2060CT Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # SDURL2060CT
Description  SDURL2060CT ULTRAFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SDURL2060CT Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  SDURL2060CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SDURL2060CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SDURL2060CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SDURL2060CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N1891, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SDURL2060CT
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions TO-220SF
SYMBOL
Millimeters
MIN.
TYP.
MAX.
A
4.50
4.70
4.90
A1
2.34
2.54
2.75
A2
2.65
-
-
b
0.70
0.80
0.90
b1
0.25
0.35
0.45
c
0.45
0.50
0.60
D
15.67
15.87
16.07
D1
14.37
14.57
14.77
E
10.80
11.00
11.20
E1
7.90
8.00
8.10
E2
7.55
7.65
7.75
E3
-
10.58
-
e
4.05
4.25
4.45
H1
6.48
6.68
6.88
H2
-
6.35
-
L
13.58
13.78
13.98
L1
1.80
2.00
2.20
L2
11.48
11.78
12.08
ΦP
3.08
3.18
3.28
Q
3.20
3.30
3.40
Θ1
5°
Θ2
5°
Θ3
5°
Θ4
3°
Θ5
3°
Marking Diagram
Ordering Information
Device
Package
Shipping
SDURL2060CT
TO-220SF
(Pb-Free)
45 pcs/ tube
Where XXXXX is YYWWL
SDUR
= Device Type
L
= Package type
20
= Forward Current (20A)
60
= Reverse Voltage (600V)
CT
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com