Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81XX-AE3-3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 81XX-AE3-3-R
Description  POWER RESET IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81XX-AE3-3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  81XX-AE3-3-R Datasheet HTML 1Page - Unisonic Technologies 81XX-AE3-3-R Datasheet HTML 2Page - Unisonic Technologies 81XX-AE3-3-R Datasheet HTML 3Page - Unisonic Technologies 81XX-AE3-3-R Datasheet HTML 4Page - Unisonic Technologies 81XX-AE3-3-R Datasheet HTML 5Page - Unisonic Technologies 81XX-AE3-3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
81XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R119-001,J
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Power supply voltage
VCC
-0.3~+10
V
Operating temperature
TOPR
-20~+75
°C
Storage temperature
TSTG
-40~+125
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Ta=25
°C, The unit of resistance is Ω unless otherwise indicated.)
PARAMETER
SYMBOL
(*1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UTC 8150
4.850
5.000
5.150
UTC 8146
4.462
4.600
4.738
UTC 8145
4.365
4.500
4.635
UTC 8144
4.268
4.400
4.532
UTC 8143
4.171
4.300
4.429
UTC 8142
4.074
4.200
4.326
UTC 8141
3.977
4.100
4.223
UTC 8140
3.880
4.000
4.120
UTC 8139
3.783
3.900
4.017
UTC 8138
3.686
3.800
3.914
UTC 8137
3.589
3.700
3.811
UTC 8136
3.492
3.600
3.708
UTC 8135
3.395
3.500
3.605
UTC 8134
3.298
3.400
3.502
UTC 8133
3.201
3.300
3.399
UTC 8132
3.104
3.200
3.296
UTC 8131
3.007
3.100
3.193
UTC 8130
2.910
3.000
3.090
UTC 8129
2.813
2.900
2.987
UTC 8128
2.716
2.800
2.884
UTC 8127
2.619
2.700
2.781
UTC 8126
2.522
2.600
2.678
UTC 8125
2.425
2.500
2.575
UTC 8124
2.328
2.400
2.472
UTC 8123
2.231
2.300
2.369
UTC 8122
2.134
2.200
2.266
UTC 8121
2.037
2.100
2.163
UTC 8120
1.940
2.000
2.060
UTC 8119
1.843
1.900
1.957
Detection Voltage
VSS
1
RL=470Ω
VCC=H->L
VOUT=VCC
UTC 8118
1.746
1.800
1.854
V
Hysteresis Voltage
∆VSS
1
RL=470Ω, VCC=L->H->L,
VOUT=VCC
30
50
100
mV
Detection Voltage Temperature
Coefficient
VSS/∆T
1
RL=470Ω, Ta=-20~+75°C
VOUT=VCC
±0.01
%/
°C
Low Level Output Voltage
VOL
1
VCC=VSS min.-0.05V,
RL=470Ω
0.2
0.4
V
Output Leakage Current
IOH
2
VCC=10V , VOUT=VCC
±0.1
µA
Circuit Current at ON Time
ICCL
3
VCC=VSS min.-0.05V, RL=∞
3
5
µA
Circuit Current at OFF Time
ICCH
3
VCC=VSS typ./0.85, RL=∞
3
5
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com