Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904W Datasheet(PDF) 8 Page - STMicroelectronics

Part # LM2904W
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LM2904W_06 Datasheet HTML 4Page - STMicroelectronics LM2904W_06 Datasheet HTML 5Page - STMicroelectronics LM2904W_06 Datasheet HTML 6Page - STMicroelectronics LM2904W_06 Datasheet HTML 7Page - STMicroelectronics LM2904W_06 Datasheet HTML 8Page - STMicroelectronics LM2904W_06 Datasheet HTML 9Page - STMicroelectronics LM2904W_06 Datasheet HTML 10Page - STMicroelectronics LM2904W_06 Datasheet HTML 11Page - STMicroelectronics LM2904W_06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
LM2904W
8/19
Figure 2.
Open loop frequency response
Figure 3.
Large signal frequency response
OPEN LOOP FREQUENCY RESPONSE (NOTE 3)
1.0
10
100
1k
10k
100k
1M
10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M
Ω
VI
VCC/2
VCC = 30V &
0.1
μF
VCC V
O
-
+
-55°C
Tamb
+125°C
140
120
100
80
60
40
20
0
-55°C
Tamb
+125°C
LARGE SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k
Ω
1k
Ω
100k
Ω
+15V
VO
-
+
VI
20
15
10
5
0
Figure 4.
Voltage follower pulse response
Figure 5.
Output characteristics
VOLAGE FOLLOWER PULSE RESPONSE
010
20
30
40
TIME (
μs)
RL
2 k
Ω
VCC = +15V
4
3
2
1
0
3
2
1
OUTPUT CHARACTERISTICS
OUTPUT SINK CURRENT (
μ A)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb =+25°C
vcc/2
vcc
+
10
1
0.1
0.01
Figure 6.
Voltage follower pulse response
Figure 7.
Output characteristics
VOLTAGE FOLLOWER PULSSE RESPONSE
(SMALL SIGNAL)
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (ms)
500
450
400
350
300
250
OUTPUT CHARACTERISTICS
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com