Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904WPT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2904WPT
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WPT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2904WPT Datasheet HTML 2Page - STMicroelectronics LM2904WPT Datasheet HTML 3Page - STMicroelectronics LM2904WPT Datasheet HTML 4Page - STMicroelectronics LM2904WPT Datasheet HTML 5Page - STMicroelectronics LM2904WPT Datasheet HTML 6Page - STMicroelectronics LM2904WPT Datasheet HTML 7Page - STMicroelectronics LM2904WPT Datasheet HTML 8Page - STMicroelectronics LM2904WPT Datasheet HTML 9Page - STMicroelectronics LM2904WPT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
LM2904W
6/19
3
Electrical characteristics
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
27
9
mV
Iio
Input offset current
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
230
40
nA
Iib
Input bias current (2)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large signal voltage gain
VCC
+ = +15V, R
L=2kΩ, Vo = 1.4V to 11.4V
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
V/mV
SVR
Supply voltage rejection
ratio
RS ≤10kΩ
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
Icc
Supply current, all Amp,
no load
Tamb = 25°C, VCC = +5V
Tmin ≤ Tamb ≤ Tmax, VCC = +30V
0.7
1.2
2
mA
Vicm
Input common mode
voltage range
VCC= +30V
(3)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V
CMR
Common-mode rejection
ratio
RS = 10kΩ
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output short-circuit
current
VCC = +15V, Vo = +2V, Vid = +1V
20
40
60
mA
Isink
Output sink current
VO = 2V, VCC = +5V
VO = +0.2V, VCC = +15V
10
12
20
50
mA
µA
VOPP
Output voltage swing
RL = 2kΩ
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V
VOH
High level output voltage
VCC + 30V
Tamb = +25°C, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
Tamb = +25°C, RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
V
VOL
Low level output voltage
RL = 10kΩ
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
520
20
mV
SR
Slew rate
VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ,
CL = 100pF, unity gain
Tmin ≤ Tamb ≤ Tmax
0.3
0.2
0.6
V/µs
GBP
Gain bandwidth product
f = 100kHz, VCC = 30V,Vin = 10mV,
RL = 2kΩ, CL = 100pF
0.7
1.1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com