Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT151 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BT151
Description  BT151
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BT151 Datasheet(HTML) 3 Page - Unisonic Technologies

  BT151 Datasheet HTML 1Page - Unisonic Technologies BT151 Datasheet HTML 2Page - Unisonic Technologies BT151 Datasheet HTML 3Page - Unisonic Technologies BT151 Datasheet HTML 4Page - Unisonic Technologies BT151 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC BT151
SCR
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R301-007,B
1ms
100us
10us
1000
T/s
10
100
10ms
ITSM/A
dIT/dt limit
25
10
surge duration /S
15
20
5
0
IT(RMS)/A
0.01
0.1
1
10
Fig.2.Maximum Permissible non-repetitive peak
on-state Current ITSM,versus pulse width tp, for
sinusoidal currents,tp≦10ms
Fig. 5.Maximum permissible repetitive rms on-state
current lT(RMS),versus surge duration,for sinusoidal
currents,f=50HZ;Tmb ≦109℃
IT
time
ITSM
Tj initial=25℃max
Fig.1. Maximum on-state dissipation,P
tot
,versus
average on-state current,I
T(AV)
,where
a=form factor=I
T(RMS)/IT(AV).
48
0
15
IT(RMS)/A
0
105.5
125
118.5
Ptot/W
Tmb(max)/C
ITSM/A
Fig4.Maximum Permissible non-repetitive peak
on-state current I
TSM,versus number of cycles,for
sinusoidal currents,f=50HZ.
5
10
26
112
1
35
7
α
4
2.8
2.2
1.9
a=1.57
conduction
angle
degrees
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
100
Number of half cycles at 50Hz
60
0
10
100
1
IT
time
ITSM
Tj initial=25℃max
120
80
40
20
1000
T
100
150
-50
50
0
1.6
0.8
Tj/℃
1.2
1.4
1
0.6
0.4
VGT(25℃)
VGT(Tj)
100
150
-50
50
0
15
5
Tmb/C
0
10
IT(RMS)/A
109℃
Fig.3. Maximum permissible rms current lT(RMS),
versus mounting base temperature Tmb
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/VGT(25℃ ),versus junction temperature Tj.
050
100
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com