Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7529 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7529 Datasheet HTML 13Page - STMicroelectronics TDA7529 Datasheet HTML 14Page - STMicroelectronics TDA7529 Datasheet HTML 15Page - STMicroelectronics TDA7529 Datasheet HTML 16Page - STMicroelectronics TDA7529 Datasheet HTML 17Page - STMicroelectronics TDA7529 Datasheet HTML 18Page - STMicroelectronics TDA7529 Datasheet HTML 19Page - STMicroelectronics TDA7529 Datasheet HTML 20Page - STMicroelectronics TDA7529 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
TDA7529
Function description
17/60
3.11
AFSAMPLE/AFHOLD
On the TDA7529 there are two dedicated open drain pins (AFSAMPLE and AFHOLD), that
allow the control of the DSP (mute and quality controls) during AF update.
Details are given in Chapter 5.
3.12
Serial BUS interface
The TDA7529 has a serial data port for communication with the microcontroller. It is used for
programming the device and for reading out its detectors. This port supports data
communication using the SPI and the I2C protocol. The data transfer of several consecutive
bytes is supported by the auto increment feature.
The "PS"- pin (Protocol Select) determines which communication protocol is used. The
information is not latched, so any level change at this pin immediately affects the protocol
used by the TDA7529.
The SPI protocol is selected by setting PS = 0 while, during the I2C operation, PS needs to
be open (internally set to 1).
SPI-Protocol: CPOL=1, CPHA=1.
The CS pin performs the Chip Select function during the SPI operation; it has to be reset to
0 during transmission or reception, otherwise set to 1 (the CS pin is set to 1 by leaving it
open).
Both the CS and the AS functions are performed by the CS pin.
When the I2C mode is used, the "AS" pin determines which I2C address or group of
addresses (see below) is used. Three different external connections are defined to
represent three groups of addresses (refer to the following table for details). The information
is not latched, so any level change at this pin immediately affects the address used by the
TDA7529.
First the IC address is transmitted including the R/W bit for setting the direction of the
following data transfer
Table 6.
Supports data communication using the SPI and the I2C protocol
Pin
SPI signal
Pin
I2C signal
Signal 1
PS
Protocol Select SPI/I2C
PS
Protocol Select SPI/I2C
Signal 2
CS
Chip Select
AS
Address Select
Signal 3
CLK
Clock
CLK
Clock
Signal 4
MOSI
Master Out – Slave In
DATA
bidirectional Data
Signal 5
MISO
Master In – Slave Out
GP6
General Purpose Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com