Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7529TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7529TR
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7529TR Datasheet HTML 9Page - STMicroelectronics TDA7529TR Datasheet HTML 10Page - STMicroelectronics TDA7529TR Datasheet HTML 11Page - STMicroelectronics TDA7529TR Datasheet HTML 12Page - STMicroelectronics TDA7529TR Datasheet HTML 13Page - STMicroelectronics TDA7529TR Datasheet HTML 14Page - STMicroelectronics TDA7529TR Datasheet HTML 15Page - STMicroelectronics TDA7529TR Datasheet HTML 16Page - STMicroelectronics TDA7529TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
TDA7529
Function description
13/60
Figure 4.
Positive/negative current diagram
3.
Constant current mode: the output current can be set to 2 mA source current. The AGC
detector is in power -down mode and only the PIN diode driver is active.
4.
Voltage and current mode with hand-over: the Vthr level is programmable with 6 bit in
the range of 0.2V to 2.56V. The voltage Vthr is the internal reference voltage of an
external cascode transistor emitter feedback loop.
Figure 5.
Voltage and current mode with hand-over
The voltage output swing is comprised between 0V and 3.3V (VDD).
The microcontroller can read the voltage at the AGC capacitor via the serial control
interface.
3.3
AM RF-AGC
The AM AGC system is controlled by an average detector. The time constant of the AM RF-
AGC is defined by an external capacitor connected to TCAM and programmable internal
currents with symmetrical attack/decay behavior.
The AM RF-AGC has two output pins to drive one PIN diode attenuator and the external
preamplifier gain control.
The AGC outputs can be programmed to the same modes as the FM RF-AGC with the
exception of pos/neg current.
The microcontroller can read the voltage at the AGC capacitor via the serial control
interface.
1.65V
Iout
15mA
f(e) current
AC00041
Iout
Vout
Vthr
Vthr
AC00042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com