Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPWRG4 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TLV2262AIPWRG4
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPWRG4 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TLV2262AIPWRG4 Datasheet HTML 23Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 24Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 25Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 26Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 27Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 28Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 29Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 30Page - STMicroelectronics TLV2262AIPWRG4 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
HIGH-LEVEL OUTPUT VOLTAGE†‡
vs
HIGH-LEVEL OUTPUT CURRENT
| IOH | − High-Level Output Current − µA
3
2
1
0
0
500
1000
4
5
6
1500
2000
2500
3000
TA = 25°C
TA = 85°C
VDD = 5 V
TA = − 40°C
TA = 125°C
TA = − 55°C
Figure 19
0.6
0.4
0.2
0
01
2
3
1
1.2
LOW-LEVEL OUTPUT VOLTAGE†‡
vs
LOW-LEVEL OUTPUT CURRENT
1.4
45
6
0.8
VDD = 5 V
VIC = 2.5 V
TA = − 40°C
IOL − Low-Level Output Current − mA
TA = 85°C
TA = 25°C
TA = 125°C
TA = − 55°C
Figure 20
4
2
1
5
3
f − Frequency − Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE‡
vs
FREQUENCY
0
10 3
10 4
10 5
10 6
RI = 10 kΩ
TA = 25°C
VDD = 5 V
VDD = 3 V
Figure 21
6
2
0
23
4
5
8
10
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
12
67
8
4
−2
VDD − Supply Voltage − V
VID = − 100 mV
VID = 100 mV
VIC = VDD/2
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com