Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81N11-H-AB3-I-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 81N11-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N11-H-AB3-I-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 81N11-H-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 11Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 12Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 13Page - Unisonic Technologies 81N11-H-AB3-I-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 15
www.unisonic.com.tw
QW-R502-039,I
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
(3) SUPPLY CURRENT vs. INPUT VOLTAGE
Input Voltage, V IN
04
3.0
81N27
6
28
0.0
4.0
2.0
1.0
10
Ta=80℃
25℃
Input Voltage, V IN (V)
04
3.0
81N28
6
2
8
0.0
4.0
2.0
1.0
10
Ta=80℃
25℃
04
3.0
81N30
6
28
0.0
4.0
2.0
Input Voltage, V IN
1.0
Ta=80℃
10
25℃
Input Voltage, V IN
04
3.0
81N29
6
28
0.0
4.0
2.0
1.0
10
Ta=80℃
25℃
(V)
(V)
(V)
04
3.0
81N16
6
2
8
0.0
4.0
2.0
Input Voltage, V IN
1.0
10
Input Voltage, V IN
Ta=80℃
25℃
04
3.0
81N25
6
28
0.0
4.0
2.0
1.0
10
Ta=80℃
25℃
(V)
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com