Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81N18-H-AB3-I-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 81N18-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N18-H-AB3-I-R Datasheet(HTML) 1 Page - Unisonic Technologies

  81N18-H-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N18-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UNISONIC TECHNOLOGIES CO., LTD
81CXXX/81NXXX
CMOS IC
www.unisonic.com.tw
1 of 15
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-039,I
VOLTAGE DETECTORS WITH
BUILT-IN DELAY TIME
DESCRIPTION
The UTC 81CXXX and 81NXXX series are good
performance voltage detector and manufactured by CMOS
technologies with highly accurate, low power consumption. A
delay circuit is built-in to each detector, therefore, peripherals
are unnecessary and high density mounting is possible. Detect
voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are
available.
FEATURES
*Highly Accurate : Detect voltage ± 2%
*Built-In Delay time :
1ms ~ 50ms,
50ms ~ 200ms,
200ms ~ 400ms,
*Detect Voltage Temperature Characteristics:
TYP± 100ppm/℃
*Wide Operating Voltage Range : 0.7V ~ 10.0V
*Low Current Consumption : TYP 1.0 µA (VIN=2.0V)
TO-92
1
SOT-89
1
SOT-23
1
2
3
*Pb-free plating product number: 81CXXXL/81NXXXL
ORDERING INFORMATION
CMOS:
Order Number
①
:Delay Time
Pin Assign.
Normal
Lead Free Plating
Duration
Code
Package
12
3
Packing
81Cxx-①-AB3-E-R
81CxxL-①-AB3-E-R
SOT-89
O
I
G
Tape Reel
81Cxx-①-AE3-3-R
81CxxL-①-AE3-3-R
SOT-23
O
G
I
Tape Reel
81Cxx-①-AE3-5-R
81CxxL-①-AE3-5-R
SOT-23
G
O
I
Tape Reel
81Cxx-①-T92-D-B
81CxxL-①-T92-D-B
TO-92
I
G
O
Tape Box
81Cxx-①-T92-E-B
81CxxL-①-T92-E-B
TO-92
O
I
G
Tape Box
81Cxx-①-T92-D-K
81CxxL-①-T92-D-K
TO-92
I
G
O
Bulk
81Cxx-①-T92-E-K
81CxxL-①-T92-E-K
1 ~ 50 ms
50 ~ 200 ms
200 ~ 400 ms
P
Q
R
TO-92
O
I
G
Bulk
N-Channel:
Order Number
①
:Delay Time
Pin Assign.
Normal
Lead Free Plating
Duration
Code
Package
12
3
Packing
81Nxx-①-AB3-E-R
81NxxL-①-AB3-E-R
SOT-89
O
I
G
Tape Reel
81Nxx-①-AE3-3-R
81NxxL-①-AE3-3-R
SOT-23
O
G
I
Tape Reel
81Nxx-①-AE3-5-R
81NxxL-①-AE3-5-R
SOT-23
G
O
I
Tape Reel
81Nxx-①-T92-D-B
81NxxL-①-T92-D-B
TO-92
I
G
O
Tape Box
81Nxx-①-T92-E-B
81NxxL-①-T92-E-B
TO-92
O
I
G
Tape Box
81Nxx-①-T92-D-K
81NxxL-①-T92-D-K
TO-92
I
G
O
Bulk
81Nxx-①-T92-E-K
81NxxL-①-T92-E-K
1 ~ 50 ms
50 ~ 200 ms
200 ~ 400 ms
H
J
K
TO-92
O
I
G
Bulk
Note: 1. Pin assignment: I:Vin O:Vout G:Vss
2.xx: Output Voltage, refer to Marking Information.


Similar Part No. - 81N18-H-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
81NF10R OHMITE-81NF10R Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
81NF1K0 OHMITE-81NF1K0 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
81NF1R0 OHMITE-81NF1R0 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
81NF250 OHMITE-81NF250 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
81NF4K5 OHMITE-81NF4K5 Datasheet
150Kb / 1P
Military Grade 80 Series MIL-R-26 Qualified
More results

Similar Description - 81N18-H-AB3-I-R

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F Datasheet
196Kb / 12P
Voltage Detectors ( Delay Circuit Built-In)
XC61F TOREX-XC61F_1 Datasheet
740Kb / 12P
Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
Voltage Detectors, Delay Circuit Built-In
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
Seiko Instruments Inc
S1011 SII-S1011 Datasheet
2Mb / 43P
BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
logo
Unisonic Technologies
81NXX UTC-81NXX Datasheet
492Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
Voltage Detectors with Built-in Delay Circuit
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com