Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC808 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BC808
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC808 Datasheet(HTML) 2 Page - Unisonic Technologies

  BC808 Datasheet HTML 1Page - Unisonic Technologies BC808 Datasheet HTML 2Page - Unisonic Technologies BC808 Datasheet HTML 3Page - Unisonic Technologies BC808 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCBC807/BC808
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R206-026,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Current Gain
hFE1
hFE2
Ic=-100mA, VCE=-1V
Ic=-300mA, VCE=-1V
100
60
630
Collector-Emitter Saturation Voltage
VCE(sat) Ic=-500mA, IB=-50mA
-0.7
V
Base-Emitter On Voltage
VBE(on) Ic=-300mA, VCE=-1V
-1.2
V
Current Gain Bandwidth Product
fT
VCE=-5V, Ic=-10mA, f=50MHz
100
MHz
Output Capacitance
Cob
VCB=-10V, f=1MHz
12
pF
Classification of hFE
RANK
16
25
40
hFE1
100-250
160-400
250-630
hFE2
60-
100-
170-
Marking Code
TYPE
807-16
807-25
807-40
808-16
808-25
808-40
MARK
9FA
9FB
9FC
9GA
9GB
9GC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com