Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL36A Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SL36A
Description  SL36A SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SL36A Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SL36A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SL36A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SL36A Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SL36A Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N1954, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SL36A
SL36A SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
VF1
@ 3A, Pulse, TJ = 25 C
0.50
0.58
V
VF2
@ 3A, Pulse, TJ = 125℃
0.42
0.50
V
Reverse Current*
IR1
@VR = rated VR, TJ = 25℃
0.02
1.0
mA
IR2
@VR = rated VR, TJ = 125℃
14
55
mA
Junction Capacitance
Cj
@VR = 5.0 V, Tc=25℃
fSIG = 1MHz
170
250
pF
Series Inductance
LS
Measured lead to lead 5 mm from
package body
8.0
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
60
V
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=105°C, rectangular
wave form
3
A
Peak One Cycle Non-Repetitive
Surge Current
IFSM
8.3ms, Half Sine pulse, Tc = 25 C
70
A
Electrical Characteristics:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
High Current Capability
Low Power Loss, High Efficiency
High Surge Current Capability
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SMA


Similar Part No. - SL36A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SL36A SMC-SL36A Datasheet
171Kb / 6P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SL36A GOOD-ARK-SL36A Datasheet
200Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SL36A MCC-SL36A Datasheet
451Kb / 3P
Moisture Sensitivity Level 1
logo
Galaxy Semi-Conductor H...
SL36A BILIN-SL36A Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
SL36A CHENDA-SL36A Datasheet
242Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL36A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com