Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMT17 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # IMT17
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

IMT17 Datasheet(HTML) 2 Page - Unisonic Technologies

  IMT17 Datasheet HTML 1Page - Unisonic Technologies IMT17 Datasheet HTML 2Page - Unisonic Technologies IMT17 Datasheet HTML 3Page - Unisonic Technologies IMT17 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IMT17
DUAL TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R215-006,A
The following characteristics apply to both Tr1 and Tr2.
ABSOLUATE MAXIUM RATINGS* (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
-60
V
Collector Emitter Voltage
VCEO
-50
V
Emitter Base Voltage
VEBO
-5
V
Collector Current
Ic
500
mA
Power Dissipation
PD
300
mW*
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
*200mW per element must not be exceeded.
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector Base Breakdown Voltage
BVCBO
Ic = -100
µA
-60
V
Collector Emitter Breakdown Voltage
BVCEO
Ic = -1mA
-50
V
Emitter Base Breakdown Voltage
BVEBO
IE = -100µA
-5
V
Collector Emitter Saturation Voltage
VCE(sat)
Ic = -500mA, IB = - 50mA
-0.6
V
Collector Cutoff Current
ICBO
VCB = -30V
-0.1
µA
Emitter Cutoff Current
IEBO
VEB = -4V
-0.1
µA
Output Capacitance
Cob
VCE = -10V, IE=0A, f =1MHz
7
pF
DC Current Transfer Ratio
hFE
VCE = - 3V, Ic = -100mA
120
390
Transition Frequency
fT
VCE = -10V, IE =20mA, f =100MHz
200
MHz
*Measured using pulse current.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com