Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUT12A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUT12A
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT12A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUT12A Datasheet HTML 3Page - NXP Semiconductors BUT12A Datasheet HTML 4Page - NXP Semiconductors BUT12A Datasheet HTML 5Page - NXP Semiconductors BUT12A Datasheet HTML 6Page - NXP Semiconductors BUT12A Datasheet HTML 7Page - NXP Semiconductors BUT12A Datasheet HTML 8Page - NXP Semiconductors BUT12A Datasheet HTML 9Page - NXP Semiconductors BUT12A Datasheet HTML 10Page - NXP Semiconductors BUT12A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Aug 13
6
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT12; BUT12A
Fig.8 Base-emitter and collector-emitter saturation voltages as functions of collector current; typical values.
handbook, full pagewidth
0
2.0
MGB914
10−1
102
1
IC (A)
VBEsat
VCEsat
(V)
10
0.5
1.5
1.0
(1)
(2)
(4)
(3)
IC/IB =5.
(1) VBE; Tj =25 °C.
(2) VBE; Tj = 100 °C.
(3) VCE; Tj = 100 °C.
(4) VCE; Tj =25 °C.
Fig.9 Base-emitter voltage as a function of base current; typical values.
handbook, full pagewidth
3
IB (A)
1.6
1.4
0.8
0
0.5
VBE
(V)
MGB911
1.2
1.0
2
2.5
1
1.5
(1)
(2)
(3)
Tj =25 °C.
(1) IC =8A.
(2) IC =6A.
(3) IC =3A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com