Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP110A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP110A
Description  LOW SATURATION VOLTAGE PNP DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP110A Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP110A Datasheet HTML 1Page - Unisonic Technologies TIP110A Datasheet HTML 2Page - Unisonic Technologies TIP110A Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCTIP110A
PNPEXPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R203-004,A
TYPICAL PERFORMANCE CHARACTERISTICS
101
102
103
104
102
103
104
CURRENT GAIN VS.
COLLECTOR CURRENT
Collector Current(mA)
110
10-1
102
101
102
10
3
OUTPUT CAPACITANCE VS.
REVERSE-BIASED VOLTAGE
Reverse-Biased Voltage
101
102
104
104
103
ON VOLTAGE VS.
COLLECTOR CURRENT
Collector Current(mA)
104
103
102
101
102
103
104
SATURATIION VOLTAGE VS.
COLLECTOR CURRENT
Collector Current(mA)
1
10
102
103
104
105
102
1
10
PT=1ms
PT=100ms
PT=1s
SAFE OPERATING AREA
Collector-Emitter Voltage ( V )
104
103
10
3
10 2
10
1
SWITCHING TIMES VS.
COLLECTOR CURRENT
Collector Current(mA)
Tstg
103



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com