Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT131 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT131
Description  TRIACS LOGIC LEVEL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT131 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT131 Datasheet HTML 1Page - Unisonic Technologies UT131 Datasheet HTML 2Page - Unisonic Technologies UT131 Datasheet HTML 3Page - Unisonic Technologies UT131 Datasheet HTML 4Page - Unisonic Technologies UT131 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UTC UT131
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R401-006,C
TRIACS LOGIC LEVEL
DESCRIPTION
Passivated, sensitive gate triaces in a plastic envelope,
intended for use in general purpose bidirectional switching
and phase control applications. These devices are
intended to be interfaced directly to microcontrollers. logic
integrated circuits and other low power gate trigger circuits.
SYMBOL
MT2
MT1
G
TO-92
1
1:MT1 2:GATE 3:MT2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltage
UT131-5
UT131-6
UT131-8
VDRM
500*
600*
800*
V
RMS On-State Current
Full Sine Wave; Tlead≤51
°C
IT(RMS)
1
A
Non-Repetitive Peak On-State Current
(Full Sine Wave; Tj=25
°C prior to surge)
t=20ms
t=16.7ms
ITSM
16
17.6
A
Circuit Fusing
t=10ms
I2t
1.28
A2s
Repetitive Rate of Rise of On-State Current after Triggering
ITM=1.5A, IG=0.2A, dIG/dt=0.2A/
µs
T2+ G+
T2+ G-
T2- G-
T2- G+
dIT/dt
50
50
50
10
A/
µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage temperature
Tstg
-40~150
°C


Similar Part No. - UT131

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
UT131G-5-AA3-R UTC-UT131G-5-AA3-R Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-5-T92-B UTC-UT131G-5-T92-B Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-5-T92-K UTC-UT131G-5-T92-K Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-6-AA3-R UTC-UT131G-6-AA3-R Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
More results

Similar Description - UT131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
Triacs logic level
July 1998 Rev 1.000
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
Triacs logic level
June 2001-Rev 1.400
logo
Unisonic Technologies
BT131 UTC-BT131 Datasheet
188Kb / 5P
TRIACS LOGIC LEVEL
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
Triacs logic level
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
Triacs logic level
October 1997
BT132-600D PHILIPS-BT132-600D Datasheet
97Kb / 8P
Triacs logic level
January 1998
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
Triacs logic level
September 1997 Rev 1.200
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
Triacs logic level
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com