Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT136F Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT136F
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136F Datasheet(HTML) 3 Page - Unisonic Technologies

  UT136F Datasheet HTML 1Page - Unisonic Technologies UT136F Datasheet HTML 2Page - Unisonic Technologies UT136F Datasheet HTML 3Page - Unisonic Technologies UT136F Datasheet HTML 4Page - Unisonic Technologies UT136F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC UT136F/G
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R401-010,C
TYPICAL CHARACTERISTICS
1ms
100us
10us
1000
T/s
10
100
4
0
IT(RMS)/A
0
10ms
Ptot/W
Tmb(max)/C
ITSM/A
12
6
surge duration /S
8
10
4
0
IT(RMS)/A
0.01
0.1
1
10
100
150
-50
50
0
1.6
0.8
Tj/℃
1.2
1.4
1
0.6
0.4
Fig. 5.Maximum permissible repetitive rms on-state
current lT(RMS),vs surge duration,for sinusoidal
currents,f=50HZ;Tmb≦107℃
VGT(25℃)
VGT(Tj)
2
13
5
Fig.6. Normalised gate trigger voltage
V
GT(Tj)/VGT(25℃),vs junction temperature Tj.
0
50
100
150
α
101
104
107
110
113
116
119
122
125
8
7
6
5
4
3
2
1
α
=180
α
=120
α
=90
α
=60
α
=30
Tmb/C
Fig.4. Maximum permissible rms current
lT(RMS) vs mounting base Temperature Tmb.
ITSM/A
25
Number of cycles at 50Hz
15
0
10
100
1
30
20
10
5
1000
100ms
2
IT
time
ITSM
Tj initial=25
max
α
IT
time
ITSM
Tj initial=25 max
T
dIT/dt limit
T2-G+ quadrant
T
Fig3.Maximum Permissible non-repetitive peak
on-state current ITSM,vs number of cycles,for
sinusoidal currents,f=50HZ.
Fig.2.Maximum Permissible non-repetitive peak
on-state Current ITSM vs pulse width tp, for
sinusoidal currents,tp≦20ms
Fig.1. Maximum on-state dissipation,Ptot vs rms on-state
current, I T (RMS) whereα=conduction angle.
100
150
-50
50
0
5
3
0
4
IT(RMS)/A
107℃
2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com