Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW11AF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUW11AF
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW11AF Datasheet(HTML) 3 Page - NXP Semiconductors

  BUW11AF Datasheet HTML 1Page - NXP Semiconductors BUW11AF Datasheet HTML 2Page - NXP Semiconductors BUW11AF Datasheet HTML 3Page - NXP Semiconductors BUW11AF Datasheet HTML 4Page - NXP Semiconductors BUW11AF Datasheet HTML 5Page - NXP Semiconductors BUW11AF Datasheet HTML 6Page - NXP Semiconductors BUW11AF Datasheet HTML 7Page - NXP Semiconductors BUW11AF Datasheet HTML 8Page - NXP Semiconductors BUW11AF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Aug 14
3
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW11F; BUW11AF
THERMAL CHARACTERISTICS
Notes
1. Mounted without heatsink compound and 30
±5 N force on centre of package.
2. Mounted with heatsink compound and 30
±5 N force on centre of package.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Mounted without heatsink compound and 30
±5 N force on centre of package.
2. Mounted with heatsink compound and 30
±5 N force on centre of package.
ISOLATION CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-h
thermal resistance from junction to external heatsink note 1
3.95
K/W
note 2
3.05
K/W
Rth j-a
thermal resistance from junction to ambient
35
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUW11F
−
850
V
BUW11AF
−
1000
V
VCEO
collector-emitter voltage
open base
BUW11F
−
400
V
BUW11AF
−
450
V
ICsat
collector saturation current
BUW11F
−
3A
BUW11AF
−
2.5
A
IC
collector current (DC)
see Figs 2 and 4
−
5A
ICM
collector current (peak value)
tp < 20 ms; see Fig.2
−
10
A
IB
base current (DC)
−
2A
IBM
base current (peak value)
tp <20ms
−
4A
Ptot
total power dissipation
Th ≤ 25 °C; see Fig.3; note 1
−
32
W
Th ≤ 25 °C; see Fig.3; note 2
−
41
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VisolM
isolation voltage from all terminals to external heatsink (peak value)
−
1500
V
Cisol
isolation capacitance from collector to external heatsink
−
21
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com