Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUW12AF Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUW12AF
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUW12AF Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUW12AF Datasheet HTML 4Page - NXP Semiconductors BUW12AF Datasheet HTML 5Page - NXP Semiconductors BUW12AF Datasheet HTML 6Page - NXP Semiconductors BUW12AF Datasheet HTML 7Page - NXP Semiconductors BUW12AF Datasheet HTML 8Page - NXP Semiconductors BUW12AF Datasheet HTML 9Page - NXP Semiconductors BUW12AF Datasheet HTML 10Page - NXP Semiconductors BUW12AF Datasheet HTML 11Page - NXP Semiconductors BUW12AF Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Aug 14
8
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUW12F; BUW12AF
Fig.8
Test circuit for collector-emitter
sustaining voltage.
handbook, halfpage
MGE252
+ 50 V
100 to 200
Ω
30 to 60 Hz
L
6 V
oscilloscope
vertical
horizontal
1
Ω
300
Ω
Fig.9
Oscilloscope display for collector-emitter
sustaining voltage.
handbook, halfpage
MGE239
IC
(mA)
250
200
100
0
min
VCEOsust
VCE (V)
Fig.10 Collector-emitter saturation voltage as a
function of base current.
Tj =25 °C.
(1) IC =3A.
(2) IC =6A.
(3) IC =8A.
handbook, halfpage
10−2
10−1
10−1
1
10
1
VCEsat
(V)
IB (A)
10
MGB872
(1)
(2)
(3)
Fig.11 DC current gain; typical values.
Tj = 125 °C.
handbook, halfpage
MBC096
102
10−2
10−1
110
102
10
1
IC (A)
hFE
VCE = 5 V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com