Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1607 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1607
Description  6 TONES SIREN/ALARM SOUND GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1607 Datasheet(HTML) 3 Page - Unisonic Technologies

  1607 Datasheet HTML 1Page - Unisonic Technologies 1607 Datasheet HTML 2Page - Unisonic Technologies 1607 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1607
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R502-041,B
APPLICATION CIRCUIT
12V
Vcc
IN5392
2.2K
1K
10
μ/16V
945
100
882
680
5
6
7
8
1
2
3
4
0.01
μ
91K
ZD
OSC 2
OSC1
INI
GND
NC
VDD
BZ2
BZ1
UTC 1607
3.3 V
12V
Vcc
IN5392
2.2K
1K
10
μ/16 V
882
100
680
680
5
6
7
8
1
2
3
4
0.01
μ
91K
ZD
UTC 1607
100
945
945
772
772
882
OSC2
OSC1
INI
GND
NC
VDD
BZ2
BZ1
3.3 V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com