Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 4066-P14-R
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  4066-P14-R Datasheet HTML 1Page - Unisonic Technologies 4066-P14-R Datasheet HTML 2Page - Unisonic Technologies 4066-P14-R Datasheet HTML 3Page - Unisonic Technologies 4066-P14-R Datasheet HTML 4Page - Unisonic Technologies 4066-P14-R Datasheet HTML 5Page - Unisonic Technologies 4066-P14-R Datasheet HTML 6Page - Unisonic Technologies 4066-P14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4066
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-009,C
ABSOLUTE MAXIMUM RATINGS (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ Vcc+0.5
V
DIP-14
700
mW
SOP-14
500
mW
Power Dissipation
TSSOP-14
PD
500
mW
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (VSS=0V, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature Range
TOPR
-40 ~ +85
°C
DC ELECTRICAL CHARACTERISTICS (VSS=0V, unless otherwise specified)
-40
°C
+25
°C
+85
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
TYP
MAX
MIN
MAX
UNITS
Quiescent
Device
Current
IDD
VDD=5V
VDD=10V
VDD=15V
1.0
2.0
4.0
0.01
0.01
0.01
1.0
2.0
4.0
7.5
15
30
µA
µA
µA
SIGNAL INPUTS AND OUTPUTS
Input
or
Output
Leakage
Switch “OFF”
IIS
Vc=0
±50
±0.1
±50
±200
nA
“ON” Resistance
RON
RL=10kΩ ~ (VDD-VSS/2)
Vc=VDD, VSS ~ VDD
VDD=5V
VDD=10V
VDD=15V
850
330
210
270
120
80
1050
400
240
1200
520
300
”ON” Resistance
Between Any 2 of 4
Switches
R
ON
RL=10kΩ ~ (VDD-VSS/2)
Vc=VDD, VIS=VSS ~VDD
VDD=10V
VDD=15V
10
5
CONTROL INPUTS
Low Level Input
Voltage
VILC
VIS= VSS and VDD
Vos=VDD and VSS
IIS= ±10µA
VDD=5V
VDD=10V
VDD=15V
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
V
V
V
HIGH Level Input
Voltage
VIHC
VDD=5V
VDD=10V (Note 4)
VDD=15V
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.5
8.25
3.5
7.0
11.0
V
V
V
Input Current
IIN
VDD-VSS=15V
VDD≧VIS≧VSS
VDD≧Vc≧VSS
±0.3
±10
-5
±0.3
±1.0
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com