Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4051L-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4051L-S16-R
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4051L-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4051L-S16-R Datasheet HTML 1Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 2Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 3Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 4Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 5Page - Unisonic Technologies 4051L-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4051
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R502-054,A
8-CHANNEL ANALOG
MULTIPLEXERS/DEMULTIPLEXERS
DESCRIPTION
UTC 4051 is single 8-channel analog multiplexers/demultiplexers
for application as digitally–controlled analog switches.
The device has three binary control inputs and an inhibit input. It
feature low ON impedance and very low OFF leakage current.
Control of analog signals up to the complete supply voltage range
can be achieved.
FEATURES
* Wide Analog Voltage Range: VDD–VEE = 3V~18V.
(Note: VEE must be≦VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an SP8T solid state switch effectively.
* Pin–to–Pin Replacement for CD4051
DIP-16
SOP-16
TSSOP-16
*Pb-free plating product number: 4051L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
4051-S16-R
4051L-S16-R
SOP-16
Tape Reel
4051-S16-T
4051L-S16-T
SOP-16
Tube
4051-P16-R
4051L-P16-R
TSSOP-16
Tape Reel
4051-P16-T
4051L-P16-T
TSSOP-16
Tube
4051-D16-T
4051L-D16-T
DIP-16
Tube


Similar Part No. - 4051L-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051L-S16-R UTC-4051L-S16-R Datasheet
164Kb / 7P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051L-S16-R UTC-4051L-S16-R Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051L-S16-R UTC-4051L-S16-R Datasheet
216Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - 4051L-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_12 Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_15 Datasheet
333Kb / 8P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
8-Channel Analog Multiplexers and Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_18 Datasheet
216Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com