Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4066L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4066L-S14-R
Description  QUAD BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4066L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4066L-S14-R Datasheet HTML 1Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 2Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 3Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 4Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 5Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 6Page - Unisonic Technologies 4066L-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4066
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-009,C
QUAD BILATERAL SWITCH
DESCRIPTION
The UTC 4066 is a quad bilateral switch intended for the
transmission or multiplexing of analog or digital signals.
FEATURES
* Wide supply voltage range: 3V ~ 15V.
* High noise immunity : 0.45VDD (typ.)
* Wide range of digital and ± 7.5VPEAK analog switching
* “ON” resistance for 15V operation : 80Ω
* Matched ”ON” resistance :
R
△ ON=5Ω (typ.)
over 15V signal input
* “ON” resistance flat over peak-to-peak signal range
* High “ON” / “OFF” : 65 dB (typ.)
output voltage ratio @ fIS=10kHz, RL=10kΩ
* High degree linearity: 0.1% distortion (typ.).
@ fIS=1kHz, VIS=5Vp-p.
* VDD-VSS=10V, RL=10kΩ
* Extremely low ”OFF” : 0.1nA (typ.)
* switch leakage @VDD-VSS=10V, Ta=25℃
* Extremely high control input impedance : 10
12Ω (typ.)
* Low crosstalk : -50dB (typ.)
* between switches @ fIS=0.9MHz, RL=1kΩ
* Frequency response, switch ”ON” : 40MHz (typ.)
DIP-14
SOP-14
TSSOP-14
*Pb-free plating product number: 4066L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
4066-D14-T
4066L-D14-T
DIP-14
Tube
4066-S14-R
4066L-S14-R
SOP-14
Tape Reel
4066-S14-T
4066L-S14-T
SOP-14
Tube
4066-P14-R
4066L-P14-R
TSSOP-14
Tape Reel
4066-P14-T
4066L-P14-T
TSSOP-14
Tube
4066L-D14-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D14: DIP-14, S14: SOP-14, P14: TSSOP-14
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 4066L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4066L-S14-R UTC-4066L-S14-R Datasheet
309Kb / 7P
QUAD BILATERAL SWITCH
More results

Similar Description - 4066L-S14-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com