Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72E311 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72E311
Description  8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E311 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72E311_01 Datasheet HTML 3Page - STMicroelectronics ST72E311_01 Datasheet HTML 4Page - STMicroelectronics ST72E311_01 Datasheet HTML 5Page - STMicroelectronics ST72E311_01 Datasheet HTML 6Page - STMicroelectronics ST72E311_01 Datasheet HTML 7Page - STMicroelectronics ST72E311_01 Datasheet HTML 8Page - STMicroelectronics ST72E311_01 Datasheet HTML 9Page - STMicroelectronics ST72E311_01 Datasheet HTML 10Page - STMicroelectronics ST72E311_01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
7/101
ST72E311 ST72T311
Note 1: VPP on EPROM/OTP only.
Table 2. ST72T311Jx Pin Description
45
33
PA2
I/O
Port A2
External Interrupt: EI0
46
34
PA3
I/O
Port A3
External Interrupt: EI0
47
35
VDD_1
S
Main power supply
48
36
VSS_1
S
Ground
49
37
PA4
I/O
Port A4
High Sink
50
38
PA5
I/O
Port A5
High Sink
51
39
PA6
I/O
Port A6
High Sink
52
40
PA7
I/O
Port A7
High Sink
53
41
TEST/VPP
1)
S
Test mode pin. In the EPROM programming
mode, this pin acts as the programming voltage
input VPP.
This pin must be tied
low in user mode
54
42
RESET
I/O
Bidirectional. Active low. Top priority non maskable interrupt.
55
NC
Not Connected
56
NC
Not Connected
57
43
VSS_2
S
Ground
58
44
OSCOUT
O
Input/Output Oscillator pin. These pins connect a parallel-resonant
crystal, or an external source to the on-chip oscillator.
59
45
OSCIN
I
60
46
VDD_2
S
Main power supply
61
47
PE0/TDO
I/O
Port E1 or SCI Transmit Data Out
62
48
PE1/RDI
I/O
Port E1 or SCI Receive Data In
63
NC
Not Connected
64
NC
Not Connected
Pin n°
QFP64
Pin n°
SDIP56
Pin Name
Type
Description
Remarks
Pin n°
QFP44
Pin n°
SDIP42
Pin Name
Type
Description
Remarks
1
38
PE1/RDI
I/O
Port E1 or SCI Receive Data In
2
39
PB0
I/O
Port B0
External Interrupt: EI2
3
40
PB1
I/O
Port B1
External Interrupt: EI2
4
41
PB2
I/O
Port B2
External Interrupt: EI2
5
42
PB3
I/O
Port B3
External Interrupt: EI2
6
1
PB4
I/O
Port B4
External Interrupt: EI3
7
2
PD0/AIN0
I/O
Port D0 or ADC Analog Input 0
8
3
PD1/AIN1
I/O
Port D1 or ADC Analog Input 1
9
4
PD2/AIN2
I/O
Port D2 or ADC Analog Input 2
10
5
PD3/AIN3
I/O
Port D3 or ADC Analog Input 3
11
6
PD4/AIN4
I/O
Port D4 or ADC Analog Input 4
12
7
PD5/AIN5
I/O
Port D5 or ADC Analog Input 5
13
8
VDDA
S
Power Supply for analog peripheral (ADC)
14
9
VSSA
S
Ground for analog peripheral (ADC)
15
10
PF0/CLKOUT
I/O
Port F0 or CPU Clock Output
External Interrupt: EI1
16
11
PF1
I/O
Port F1
External Interrupt: EI1
17
12
PF2
I/O
Port F2
External Interrupt: EI1
18
13
PF4/OCMP1_A
I/O
Port F4 or Timer A Output Compare 1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com