Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM102AIPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSM102AIPWR
Description  DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSM102AIPWR Datasheet(HTML) 5 Page - Texas Instruments

  TSM102AIPWR Datasheet HTML 1Page - Texas Instruments TSM102AIPWR Datasheet HTML 2Page - Texas Instruments TSM102AIPWR Datasheet HTML 3Page - Texas Instruments TSM102AIPWR Datasheet HTML 4Page - Texas Instruments TSM102AIPWR Datasheet HTML 5Page - Texas Instruments TSM102AIPWR Datasheet HTML 6Page - Texas Instruments TSM102AIPWR Datasheet HTML 7Page - Texas Instruments TSM102AIPWR Datasheet HTML 8Page - Texas Instruments TSM102AIPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
V
REF(MAX)
V
REF(MIN)
T1
T2
Temperature
Temperature
25°C
MAX
2.5 V
MIN
–
n p
pm
/°C
+n
ppm
/°C
Voltage-Reference Electrical Characteristics
D
D
V
T
REF
D
D
V
V
REF
KA
TSM102
,, TSM102A
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR,
AND VOLTAGE REFERENCE
SLVS602 – MARCH 2006
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
TSM102
25
°C
2.475
2.5
2.525
VKA = VREF, IK = 10 mA,
VREF
Reference voltage(1)
V
See Figure 1
TSM102A
25
°C
2.49
2.5
2.51
Reference input voltage deviation
VKA = VREF, IK = 10 mA,
∆V
REF
Full range
7
30
mV
over temperature range(1)
See Figure 1
Average temperature coefficient of
VKA = VREF, IK = 10 mA
Full range
±22
±100 ppm/°C
reference input voltage(2)
Ratio of change in reference voltage
VKA = 3 V to 36 V, IK = 10 mA,
25
°C
–1.1
–2
mV/V
to change in cathode voltage
See Figure 2
25
°C
1.5
2.5
IK = 10 mA, R1 = 10 kΩ, R2 = ∞,
IREF
Reference input current
µA
See Figure 2
Full range
3
Reference input current deviation
IK = 10 mA, R1 = 10 kΩ, R2 = ∞,
∆I
REF
Full range
0.5
1
µA
over temperature range
See Figure 2
Minimum cathode current
Imin
VKA = VREF, See Figure 1
25
°C
0.5
1
mA
for regulation
IK,OFF
Off-state cathode current
See Figure 3
25
°C
180
500
nA
(1)
∆V
REF is defined as the difference between the maximum and minimum values obtained over the full temperature range.
∆V
REF = VREF(MAX) – VREF(MIN)
(2)
The temperature coefficient is defined as the slopes (positive and negative) of the voltage vs temperature limits within which the
reference voltage is specified.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com