Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDSP16350/A0/AC Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

Part # PDSP16350/A0/AC
Description  I/Q Splitter/NCO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16350/A0/AC Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Back Button PDSP16350/A0/AC Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 11Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 12Page - Zarlink Semiconductor Inc PDSP16350/A0/AC Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PDSP16350
11
ORDERING INFORMATION
Industrial (-40
°C to +85°C)
PDSP16350 / B0 / AC
(20MHz - PGA)
PDSP16350 / B0/ GC
(20MHz - QFP)
Military (-55
°C to +125°C)
PDSP16350 / A0 / AC
(20MHz - PGA)
PDSP16350 / A0/ GC
(20MHz - QFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com