Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4516B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4516B
Description  PRESETTABLE BINARY UP/DOWN COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4516B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4516B Datasheet HTML 1Page - STMicroelectronics HCF4516B Datasheet HTML 2Page - STMicroelectronics HCF4516B Datasheet HTML 3Page - STMicroelectronics HCF4516B Datasheet HTML 4Page - STMicroelectronics HCF4516B Datasheet HTML 5Page - STMicroelectronics HCF4516B Datasheet HTML 6Page - STMicroelectronics HCF4516B Datasheet HTML 7Page - STMicroelectronics HCF4516B Datasheet HTML 8Page - STMicroelectronics HCF4516B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4516B
2/11
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
TRUTH TABLE
X : Don’t Care
PIN No
SYMBOL
NAME AND FUNCTION
1
PRESET
ENABLE
Preset Enable Input
4, 12, 13, 3
P1 to P4
Inputs
6, 11, 14, 2
Q1 to Q4
Outputs
15
CLOCK
Clock Input
10
UP/DOWN
Up/Down Control Input
5
CARRY-IN
Carry Input
7
CARRY-OUT Carry Output
9
RESET
Reset Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
CL
CARRY-IN
CI
UP/DOWN
PRESET
ENABLE
RESET
ACTION
X
H
X
L
L
NO COUNT
L
H
L
L
COUNT UP
L
L
L
L
COUNT DOWN
X
X
X
H
L
PRESET
XXXXH
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com