Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY249 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY249
Description  Rectifier diodes general purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY249 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY249 Datasheet HTML 1Page - NXP Semiconductors BY249 Datasheet HTML 2Page - NXP Semiconductors BY249 Datasheet HTML 3Page - NXP Semiconductors BY249 Datasheet HTML 4Page - NXP Semiconductors BY249 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY249 series
general purpose
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.0
K/W
mounting base
R
th j-a
Thermal resistance junction to
in free air.
-
60
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage
I
F = 20 A
-
1.2
1.6
V
I
F = 5 A; Tj = 100 ˚C
-
0.9
1.05
V
I
R
Reverse current
V
R = VRWM; Tj = 125 ˚C
-
0.1
0.4
mA
September 1998
2
Rev 1.300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com