Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP132 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TIP132
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP132 Datasheet(HTML) 1 Page - STMicroelectronics

  TIP132 Datasheet HTML 1Page - STMicroelectronics TIP132 Datasheet HTML 2Page - STMicroelectronics TIP132 Datasheet HTML 3Page - STMicroelectronics TIP132 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TIP130/131/132
TIP135/136/137
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
n
TIP131, TIP132, TIP135 AND TIP137 ARE
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The TIP130, TIP131 and TIP132 are silicon
epitaxial-base
NPN
power
transistors
in
monolithic Darlington configuration, mounted in
Jedec TO-220 plastic package. They are intented
for use in power linear and switching applications.
The complementary PNP types are TIP135,
TIP136 and TIP137.
INTERNAL SCHEMATIC DIAGRAM
October 1995
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Unit
NPN
T IP130
TIP131
T IP132
PNP
T IP135
TIP136
T IP137
VCBO
Collect or-Base Voltage (IE = 0)
60
80
100
V
VCEO
Collect or-Emitter Volt age (IB = 0)
60
80
100
V
VEBO
Emit ter-Base Volt age (IC =0)
5
V
IC
Collect or Current
8
A
ICM
Collect or Peak Current
12
A
IB
Base Current
0. 3
A
Ptot
T otal Dissipation at Tcase
≤ 25 oC
Tamb
≤ 25 oC
70
2
W
W
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max. Operating Junction T emperature
150
oC
* For PNP types voltage and current values are negative.
R1 Typ. = 5 K
Ω
R2 Typ. = 150
Ω
1
2
3
TO-220
1/4


Similar Part No. - TIP132

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP132 MOSPEC-TIP132 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP132 POINN-TIP132 Datasheet
141Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP132 STMICROELECTRONICS-TIP132 Datasheet
36Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
ON Semiconductor
TIP132 ONSEMI-TIP132 Datasheet
61Kb / 4P
Darlington Complementary Silicon Power Transistors
August, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
TIP132 TEL-TIP132 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
More results

Similar Description - TIP132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com