Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8P1602A Datasheet(PDF) 49 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 49 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 45Page - SONiX Technology Company SN8P1602A Datasheet HTML 46Page - SONiX Technology Company SN8P1602A Datasheet HTML 47Page - SONiX Technology Company SN8P1602A Datasheet HTML 48Page - SONiX Technology Company SN8P1602A Datasheet HTML 49Page - SONiX Technology Company SN8P1602A Datasheet HTML 50Page - SONiX Technology Company SN8P1602A Datasheet HTML 51Page - SONiX Technology Company SN8P1602A Datasheet HTML 52Page - SONiX Technology Company SN8P1602A Datasheet HTML 53Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 49
Version 1.2
8
8
8 TIMERS
WATCHDOG TIMER (WDT)
The watchdog timer (WDT) is a binary up counter designed for monitoring program execution. If the program goes into
the unknown status by noise interference, WDT overflow signal raises and resets MCU. The instruction that clears the
watchdog timer (“ B0BSET
FWDRST “) should be executed within a certain period. If an instruction that clears the
watchdog timer is not executed within the period and the watchdog timer overflows, reset signal is generated and
system is restarted.
0CAH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OSCM
WTCKS
WDRST
0
CPUM1
CPUM0
CLKMD
STPHX
0
Read/Write
R/W
R/W
-
R/W
R/W
R/W
R/W
-
After reset
0
0
-
0
0
0
0
-
WDRST: Watchdog timer reset bit. 0 = Non reset, 1 = clear the watchdog timer counter.
WTCKS: Watchdog clock source select bit 0 = Fcpu, 1 = internal RC low clock.
Watchdog timer overflow table.
WTCKS
CLKMD
Code Option
Watchdog Timer Overflow Time
0
0
4M_X’tal / 12M_X’tal / RC
1 / ( Fcpu
÷ 214 ÷ 16 ) = 293 ms, Fosc=3.58MHz
0
0
32K_X’tal
1 / ( Fcpu
÷ 28 ÷ 16 ) = 500 ms, Fosc=32768Hz
0
1
-
1 / ( Fcpu
÷ 214 ÷ 16 ) = 65.5s, Fosc=16KHz@3V
1
-
-
1 / ( 16K
÷ 512 ÷ 16 ) ~ 0.5s @3V
-
-
Enable Int_16K_RC
1 / ( 16K
÷ 512 ÷ 16 ) ~ 0.5s @3V
Note: The watchdog timer can be enabled or disabled by the code option. If disabled, the watchdog
timer can also be served as fixed-period timer by checking the NT0 flag.
Example: An operation of watchdog timer is as following. To clear the watchdog timer counter in the top
of the main routine of the program.
Main:
B0BSET
FWDRST
; Clear the watchdog timer counter.
.
.
CALL
SUB1
CALL
SUB2
.
.
.
.
.
.
JMP
MAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com