Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2500-RTR1 Datasheet(PDF) 60 Page - Texas Instruments

Part # CC2500-RTR1
Description  Single Chip Low Cost Low Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500-RTR1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2500-RTR1 Datasheet HTML 56Page - Texas Instruments CC2500-RTR1 Datasheet HTML 57Page - Texas Instruments CC2500-RTR1 Datasheet HTML 58Page - Texas Instruments CC2500-RTR1 Datasheet HTML 59Page - Texas Instruments CC2500-RTR1 Datasheet HTML 60Page - Texas Instruments CC2500-RTR1 Datasheet HTML 61Page - Texas Instruments CC2500-RTR1 Datasheet HTML 62Page - Texas Instruments CC2500-RTR1 Datasheet HTML 63Page - Texas Instruments CC2500-RTR1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 60 of 83
0x10: MDMCFG4 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7:6
CHANBW_E[1:0]
2 (10)
R/W
5:4
CHANBW_M[1:0]
0 (00)
R/W
Sets the decimation ratio for the delta-sigma ADC input stream
and thus the channel bandwidth.
E
CHANBW
XOSC
channel
M
CHANBW
f
BW
_
2
_
4
(
8
+
=
The default values give 203 kHz channel filter bandwidth,
assuming a 26.0 MHz crystal.
3:0
DRATE_E[3:0]
12 (1100)
R/W
The exponent of the user specified symbol rate
0x11: MDMCFG3 – Modem configuration
Bit
Field Name
Reset
R/W
Description
7:0
DRATE_M[7:0]
34 (0x22)
R/W
The mantissa of the user specified symbol rate. The symbol
rate is configured using an unsigned, floating-point number
with 9-bit mantissa and 4-bit exponent. The 9
th bit is a hidden
‘1’. The resulting data rate is:
(
)
XOSC
E
DRATE
DATA
f
M
DRATE
R
+
=
28
_
2
2
_
256
The default values give a data rate of 115.051 kbps (closest
setting to 115.2 kbps), assuming a 26.0 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com