Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-252 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # 97-252
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-252 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button 97-252 Datasheet HTML 3Page - Laird Tech Smart Technology 97-252 Datasheet HTML 4Page - Laird Tech Smart Technology 97-252 Datasheet HTML 5Page - Laird Tech Smart Technology 97-252 Datasheet HTML 6Page - Laird Tech Smart Technology 97-252 Datasheet HTML 7Page - Laird Tech Smart Technology 97-252 Datasheet HTML 8Page - Laird Tech Smart Technology 97-252 Datasheet HTML 9Page - Laird Tech Smart Technology 97-252 Datasheet HTML 10Page - Laird Tech Smart Technology 97-252 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
1.5
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
PART NUMBER CROSS REFERENCE
#
PART NO.
PRODUCT
SIZE
PAGE NO.
77-070
SLOT MOUNT SERIES
16 (406.400) LENGTH
Page 2-2
77-071
LOW PROFILE HOOK-ON
16.2 (411.480) LENGTH
Page 2-13
77-072
LOW PROFILE HOOK-ON
16.2 (411.480) LENGTH
Page 2-13
77-075
DUAL SLOT SERIES
16 (406.400) LENGTH
Page 2-3
77-076
SLOT MOUNT SERIES
SINGLE FINGER 0.340 (8.636)
Page 2-2
77-077
COMPACT PCI SYMMETRICAL MOUNT
16 (406.400) LENGTH
Page 2-4
77-078
NO SNAG GASKET
24 (609.600) LENGTH
Page 2-6
77-079
NO SNAG GASKET
16 (406.400) LENGTH
Page 2-6
77-081
NO SNAG GASKET
24 (609.600) LENGTH
Page 2-6
77-082
NO SNAG GASKET
24 (609.600) LENGTH
Page 2-6
77-083
NO SNAG GASKET
16 (406.400) LENGTH
Page 2-6
77-084
NO SNAG GASKET
16 (406.400) LENGTH
Page 2-6
77-085
NO SNAG GASKET
18 (457.200) LENGTH
Page 2-6
77-086
NO SNAG GASKET
16 (406.000) LENGTH
Page 2-6
77-087
SLOT MOUNT SERIES
SEVEN FINGERS 1.291 (32.791)
Page 2-2
77-088
SLOT MOUNT SERIES
EIGHT FINDERS 1.478 (37.541)
Page 2-2
77-089
SLOT MOUNT SERIES
THREE FINGERS 0.810 (20.574)
Page 2-2
77-090
VARIABLE SLOT MOUNT
16 (406.400) LENGTH
Page 2-5
77-091
NO SNAG GASKET
18 (457.200) LENGTH
Page 2-6
77-092
NO SNAG GASKET
18 (457.200) LENGTH
Page 2-6
77-093
DUAL SLOT SERIES
16.000 (406.400)
Page 2-3
77-094
SLOT MOUNT SERIES
TWO FINGERS 0.389 (9.881)
Page 2-2
77-096
SLOT MOUNT SERIES
FOUR FINGERS 1.096 (27.838)
Page 2-2
77-097
SLOT MOUNT SERIES
16.000 (406.400)
Page 2-2
77-098
ALTERNATE SLOT SERIES
14.590 (370.586) LENGTH
Page 2-4
77-099
SLOT MOUNT SERIES
FIVE FINGERS 1.378 (35.001)
Page 2-2
77-100
SLOT MOUNT SERIES
SIX FINGERS 1.660 (42.164)
Page 2-2
77-101
SLOT MOUNT SERIES
SEVEN FINGERS 1.942 (49.327)
Page 2-2
77-105
VARIABLE SLOT MOUNT
16 (406.400) LENGTH
Page 2-5
77-106
VARIABLE SLOT MOUNT
16 (406.400) LENGTH
Page 2-5
77-107
VARIABLE SLOT MOUNT
16 (406.400) LENGTH
Page 2-5
77-110
DUAL SLOT SERIES
16.000 (406.400)
Page 2-3
78-XXX
Most standard profiles are available in UltraSoft® low compression force (78 and 98) series.
Please call our sales department for availability.
95-702
GBIC FIBER OPTIC SHIELD
Page 3-5
95-822
SLOTTED "D" CONNECTOR SHIELDING
9 PIN STAINLESS STEEL
Page 3-2
95-823
SLOTTED "D" CONNECTOR SHIELDING
9 PIN STAINLESS STEEL
Page 3-2
95-824
SLOTTED "D" CONNECTOR SHIELDING
15 PIN STAINLESS STEEL
Page 3-2
95-825
SLOTTED "D" CONNECTOR SHIELDING
15 PIN STAINLESS STEEL
Page 3-2
95-826
SLOTTED "D" CONNECTOR SHIELDING
25 PIN STAINLESS STEEL
Page 3-2
95-827
SLOTTED "D" CONNECTOR SHIELDING
25 PIN STAINLESS STEEL
Page 3-2
95-828
SLOTTED "D" CONNECTOR SHIELDING
37 PIN STAINLESS STEEL
Page 3-2
95-901
SYMMETRICAL S3 SERIES
0.284 (7.214)
Page 2-7
95-902
SYMMETRICAL S3 SERIES
0.325 (8.255)
Page 2-7
95-1000
STAINLESS STEEL I/O SHIELDING
Page 3-1
97-070
FEMALE CONTACT RING
O.D. 0.1.219 (30.963)
Page 2-32
97-072
FEMALE CONTACT RING
O.D. 1.000 (25.400)
Page 2-32
97-074
FEMALE CONTACT RING
O.D. 0.875 (22.225)
Page 2-32
97-076
FEMALE CONTACT RING
O.D. 0.640 (16.256)
Page 2-32
97-105
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-110
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-111
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-112
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-113
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-114
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-115
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-116
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
97-117
CONTACT STRIPS
16 (406.400) LENGTH
Page 2-28, 2-29
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com