Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-607 Datasheet(PDF) 24 Page - Laird Tech Smart Technology

Part # 97-607
Description  BERYLLIUM COPPER SOLUTIONS AND BEYOND.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

97-607 Datasheet(HTML) 24 Page - Laird Tech Smart Technology

Back Button 97-607 Datasheet HTML 20Page - Laird Tech Smart Technology 97-607 Datasheet HTML 21Page - Laird Tech Smart Technology 97-607 Datasheet HTML 22Page - Laird Tech Smart Technology 97-607 Datasheet HTML 23Page - Laird Tech Smart Technology 97-607 Datasheet HTML 24Page - Laird Tech Smart Technology 97-607 Datasheet HTML 25Page - Laird Tech Smart Technology 97-607 Datasheet HTML 26Page - Laird Tech Smart Technology 97-607 Datasheet HTML 27Page - Laird Tech Smart Technology 97-607 Datasheet HTML 28Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
CLIP-ON SERIES
2.11
www.lairdtech.com
All dimensions shown are in inches (millimeters) unless otherwise specified.
D
F
G
MINI CLIP-ON 97-645/646
B
D
H
E
C*
A
F
G
CLIP-ON SERIES 97-603/604/605/606/607
CLIP-ON SERIES
97-610/611/612/613/614/615/616/618/619/620/621/622/623/624
97-627/628/629/630/631/632/633/634/640
C
L
Smallest
Opening
L
I
®
®
This series from Laird Technologies is designed for use where high temperature
or other design considerations preclude the use of adhesive-mounted gasketing.
Yet it provides the same shielding characteristics and effectiveness as on Sticky
Fingers
® mounted series. Clip-On Gaskets offer shielding effectiveness >100 dB
for 100 MHz plane wave. All are available in your choice of finishes, see page
1-11. For load/deflection data, see pages 2-33.
These 97-Series products are also available in UltraSoft® low compression
force 98-Series.
SNAP-TITE
® WITH “D” LANCE
This configuration has been designed specifically to provide outstanding
holding power. “D” lances snap into drilled or punched holes in the mounting
surface to create a strong omni-directional grip with excellent conductivity.
GRIP-TITE
® WITH “T” LANCE
Ideal for use with softer materials, such as aluminum or plated plastic. “T”
lances bite into the mounting surface and preserve electrical conductivity.
MINI CLIP-ON
Laird Technologies’ Mini Clip-On (97-645/646) Gaskets are designed for use
on today’s thinner, lighter materials.
• Lowest compression force available in clip-on configuration
• Virtually no compression set – 100% recovery of original height
at up to 60% compression
• “D” lance for extra holding power
• Optimum conductivity and mechanical properties of beryllium copper
• High cycle life – 50,000 cycles without fracture, wear, or compression set
0.100 (2.540)
Radius
of Hole
“D” LANCE DETAIL
All
Others
Smallest
Opening
H
F
G
A
E
D
C*
0.080
(2.032)
I
K
0.050 (1.270)
Semi-ellipse
“D” Lance
Recommended
Hole Size
C
L
0.100
(2.540)
J
(Inside)
VIEW 1
VIEW 2
B
E
J
C*
A
D
VIEW 3
B
97-618
97-621
97-622
97-623
97-650
97-645
97-646
97-640
97-631
97-632
97-633
97-634
97-628
97-629
97-630
97-616
97-619
97-620
97-624
97-612
97-611
97-613
97-615
97-627
97-610
97-614
97-603
97-604
97-605
97-606
97-607
*Variations in the
clip-on area are
available. Consult
sales department.
LT-3034 Metals_catalog
10/8/04
10:30 AM
Page 2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com