Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BILPE3 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLVH431BILPE3
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431BILPE3 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLVH431BILPE3 Datasheet HTML 11Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 12Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 13Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 14Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 15Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 16Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 17Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 18Page - Texas Instruments TLVH431BILPE3 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
www.ti.com
−1.0
−0.9
−0.8
−0.7
−0.6
−0.5
−0.4
−0.3
−0.2
−0.1
0.0
−50
−25
0
25
50
75
100
125
150
IK = 10 mA
ΔVKA = VREF to 18 V
RATIO OF DELTA REFERENCE VOLTAGE
TO DELTA CATHODE VOLTAGE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
−1
0
− 0.025
− 0.075
− 0.1
− 0.125
0.025
PERCENTAGE CHANGE IN VREF
vs
OPERATING LIFE AT 55°C
0
− 0.05
010
20
30
40
50
60
IK = 1 mA
Operating Life at 55°C − kh(1)
% Change (3δ)
% Change (−3δ)
% Change (avg)
(1) Extrapolated from life-test data taken at 125°C; the activation energy
assumed is 0.7 eV.
TLVH431,, TLVH431A,, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555G–NOVEMBER 2004–REVISED JANUARY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied.
Figure 9.
Figure 10.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com